| Electronic Components Datasheet Search |
|
LTC3215 Datasheet(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3215 Datasheet(HTML) 1 Page - Linear Technology |
|
1 / 12 page ![]() LTC3215 1 3215f TYPICAL APPLICATIO APPLICATIO S FEATURES DESCRIPTIO ■ LED Torch/Camera Light Supply for Cell Phones, PDAs and Digital Cameras ■ General Lighting and/or Flash/Strobe Applications ■ High Efficiency Operation: 1x, 1.5x or 2x Boost Modes with Automatic Mode Switching ■ Ultralow Dropout ILED Current Control ■ Output Current up to 700mA ■ Low Noise Constant Frequency Operation* ■ Wide VIN Range: 2.9V to 4.4V ■ Open/Shorted LED Protection ■ LED Disconnect in Shutdown ■ Low Shutdown Current: 2.5µA ■ 4% LED Current Programming Accuracy ■ Automatic Soft-Start Limits Inrush Current ■ No Inductors ■ Tiny Application Circuit (All Components <1mm Profile) ■ 3mm × 3mm 10-Lead DFN Package 700mA Low Noise High Current LED Charge Pump The LTC ®3215 is a low noise, high current charge pump DC/DC converter designed to power high current LEDs. The part includes an accurate programmable current source capable of driving loads up to 700mA from a 2.9V to 4.4V input. Low external parts count (two flying capaci- tors, one programming resistor and two bypass capaci- tors) makes the LTC3215 ideally suited for small, battery- powered applications. Built-in soft-start circuitry prevents excessive inrush cur- rent during start-up. High switching frequency enables the use of small external capacitors. LED current is pro- grammed with an external resistor. The LED is discon- nected from VIN during shutdown. An ultralow dropout current source maintains accurate LED current at very low ILED voltages. Automatic mode switching optimizes efficiency by monitoring the voltage across the LED current source and switching modes only when ILED dropout is detected. The LTC3215 is available in a low profile 3mm × 3mm 10-Lead DFN package. , LTC and LT are registered trademarks of Linear Technology Corporation. Efficiency vs VIN C1 2.2µF C2 2.2µF CIN 2.2µF CCPO 4.7µF ILED 200mA LED1 ILED VIN 2.9V TO 4.4V EN DISABLE ENABLE LTC3215 C1+ C1– C2+ C2– ISET 3215 TA01a LED1: AOT2015 HPW 1751B CPO 20k 1% VIN (V) 2.8 100 90 80 70 60 50 40 30 20 10 0 3.2 3.6 3.8 3215 TA01b 3.0 3.4 4.0 4.2 4.4 LED = AOT2015 HPW 1751B VF = 3V TYP AT 200mA ILED = 200mA *Protected by U.S. Patent 6411531. |
Similar Part No. - LTC3215 |
|
Similar Description - LTC3215 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |