Electronic Components Datasheet Search
  English  ▼

X  

LTC3215 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3215
Description  700mA Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3215 Datasheet(HTML) 5 Page - Linear Technology

  LTC3215 Datasheet HTML 1Page - Linear Technology LTC3215 Datasheet HTML 2Page - Linear Technology LTC3215 Datasheet HTML 3Page - Linear Technology LTC3215 Datasheet HTML 4Page - Linear Technology LTC3215 Datasheet HTML 5Page - Linear Technology LTC3215 Datasheet HTML 6Page - Linear Technology LTC3215 Datasheet HTML 7Page - Linear Technology LTC3215 Datasheet HTML 8Page - Linear Technology LTC3215 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3215
5
3215f
PI FU CTIO S
BLOCK DIAGRA
2
3
4
11
9
10
5
–
+
1
8
1X MODE: CPO = VIN
1.5X MODE: CPO = 4.6V
2X MODE: CPO = 5.1V
VREF
DROPOUT
DETECTOR
CONTROL
LOGIC
MODE
CONTROL
OSCILLATOR
6
7
GND
CPO
ILED
GND
ISET
VIN
EN
C1+
C1–
C2+
C2–
3215 BD
CURRENT
SOURCE
CONTROL
C2+, C1+, C2–, C1– (Pins 1, 2, 8, 10): Charge Pump
Flying Capacitor Pins. A 2.2µF X5R or X7R ceramic
capacitor should be connected from C1+ to C1– and from
C2+ to C2–.
CPO (Pin 3): Output. CPO is the output of the Charge
Pump. This pin may be enabled or disabled using the EN
input. A 4.7µF X5R or X7R ceramic capacitor is required
from CPO to GND.
ILED (Pin 4): Output. ILED is the LED current source output.
The LED is connected between CPO (anode) and ILED
(cathode). The current into the ILED pin is set by the
programming resistor connected from ISET to GND.
ISET (Pin 5): LED Current Programming Resistor Pin. The
ISET pin will servo to 1.22V. A resistor connected between
this pin and GND is used to set the LED current level.
Connecting a resistor of 2k or less will cause the LTC3215
to enter overcurrent shutdown mode.
EN (Pin 6): Input. The EN is used to enable the part or put
it into shutdown mode.
VIN (Pin 7): Power. Supply voltage for the LTC3215. VIN
should be bypassed with a 2.2µF or greater low impedance
ceramic capacitor to GND.
GND (Pin 9): Charge Pump Ground. This pin should be
connected directly to a low impedance ground plane.
EXPOSED PAD (Pin 11): Control Signal Ground. This pad
must be soldered to a low impedance ground plane for
optimum thermal and electrical performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com