Electronic Components Datasheet Search
  English  ▼

X  

AD5686 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5686 Datasheet HTML 15Page - Analog Devices AD5686 Datasheet HTML 16Page - Analog Devices AD5686 Datasheet HTML 17Page - Analog Devices AD5686 Datasheet HTML 18Page - Analog Devices AD5686 Datasheet HTML 19Page - Analog Devices AD5686 Datasheet HTML 20Page - Analog Devices AD5686 Datasheet HTML 21Page - Analog Devices AD5686 Datasheet HTML 22Page - Analog Devices AD5686 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
AD5686/AD5684
Rev. C | Page 19 of 27
SERIAL INTERFACE
The AD5686/AD5684 have a 3-wire serial interface (SYNC,
SCLK, and SDIN) that is compatible with SPI, QSPI™, and
MICROWIRE® interface standards as well as most DSPs. See
Figure 2 for a timing diagram of a typical write sequence. The
AD5686/AD5684 contain an SDO pin to allow the user to daisy-
chain multiple devices together (see the Daisy-Chain Operation
section) or for readback.
Input Shift Register
The input shift register of the AD5686/AD5684 is 24 bits wide.
Data is loaded MSB first (DB23). The first four bits are the
command bits, C3 to C0 (see Table 8), followed by the 4-bit
DAC address bits, DAC A, DAC B, DAC C, andDAC D (see
Table 9), and finally the bit data-word.
For the AD5686, the data-word comprises 16-bit input code(see
Figure 38). For the AD5684, the data-word comprises 12-bit input
code, followed by zero or four don’t care bits (see Figure 39).
These data bits are transferred to the input register on the 24
falling edges of SCLK and are updated on the rising edge
of SYNC.
Commands can be executed on individual DAC channels,
combined DAC channels, or on all DACs, depending on the
address bits selected (see Table 9).
Table 8. Command Bit Definitions
Command Bits
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (dependent on LDAC)
0
0
1
0
Update DAC Register n with contents of Input
Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Reserved
1
0
0
0
Set up DCEN register (daisy-chain enable)
1
0
0
1
Set up readback register (readback enable)
1
0
1
0
Reserved
…
…
…
…
Reserved
1
1
1
1
No operation, daisy-chain mode
Table 9. Address Bits and Selected DACs
Address Bits
Selected DAC Channel1
DAC D
DAC C
DAC B
DAC A
0
0
0
1
DAC A
0
0
1
0
DAC B
0
1
0
0
DAC C
1
0
0
0
DAC D
0
0
1
1
DAC A and DAC B
1
1
1
1
All DACs
1
Any combination of DAC channels can be selected using the address bits.
ADDRESS BITS
COMMAND BITS
DAC
D
DAC
C
DAC
B
DAC
A
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
C3
C2
C1
C0
DB23 (MSB)
DB0 (LSB)
DATA BITS
Figure 38. AD5686 Input Shift Register Contents
ADDRESS BITS
COMMAND BITS
DAC
D
DAC
C
DAC
B
DAC
A
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
C3
C2
C1
C0
DB23 (MSB)
DB0 (LSB)
DATA BITS
Figure 39. AD5684 Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com