Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5686R
Description  Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5686R Datasheet HTML 18Page - Analog Devices AD5686R Datasheet HTML 19Page - Analog Devices AD5686R Datasheet HTML 20Page - Analog Devices AD5686R Datasheet HTML 21Page - Analog Devices AD5686R Datasheet HTML 22Page - Analog Devices AD5686R Datasheet HTML 23Page - Analog Devices AD5686R Datasheet HTML 24Page - Analog Devices AD5686R Datasheet HTML 25Page - Analog Devices AD5686R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
AD5686R/AD5685R/AD5684R
Data Sheet
Rev. D | Page 22 of 31
23B
STANDALONE OPERATION
The write sequence begins by bringing the
A
SYNCE
A
line low. Data
from the SDIN line is clocked into the 24-bit input shift register
on the falling edge of SCLK. After the last of 24 data bits is
clocked in,
A
SYNCE
A
should be brought high. The programmed
function is then executed, that is, an
A
LDACE
A
-dependent change
in DAC register contents and/or a change in the mode of
operation. If
A
SYNCE
A
is taken high at a clock before the 24th clock,
it is considered a valid frame and invalid data may be loaded to
the DAC.
A
SYNCE
A
must be brought high for a minimum of
20 ns (single channel, see t8 in Figure 2) before the next write
sequence so that a falling edge of
A
SYNCE
A
can initiate the next
write sequence.
A
SYNCE
A
should be idled at rails between write
sequences for even lower power operation of the part.
The
A
SYNCE
A
line is kept low for 24 falling edges of SCLK, and the
DAC is updated on the rising edge of
A
SYNCE
A
.
When the data has been transferred into the input register of
the addressed DAC, all DAC registers and outputs can be
updated by taking
A
LDACE
A
low while the
A
SYNCE
A
line is high.
24B
WRITE AND UPDATE COMMANDS
46B
Write to Input Register n (Dependent on
A
LDACE
A
)
Command 0001 allows the user to write to each DAC’s
dedicated input register individually. When
A
LDACE
A
is low,
the input register is transparent (if not controlled by the
A
LDACE
A
mask register).
47B
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers/outputs with the
contents of the input registers selected and updates the DAC
outputs directly.
48B
Write to and Update DAC Channel n (Independent
of
A
LDACE
A
)
Command 0011 allows the user to write to the DAC registers
and update the DAC outputs directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com