Electronic Components Datasheet Search
  English  ▼

X  

AD5696R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5696R
Description  Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5696R Datasheet(HTML) 4 Page - Analog Devices

  AD5696R Datasheet HTML 1Page - Analog Devices AD5696R Datasheet HTML 2Page - Analog Devices AD5696R Datasheet HTML 3Page - Analog Devices AD5696R Datasheet HTML 4Page - Analog Devices AD5696R Datasheet HTML 5Page - Analog Devices AD5696R Datasheet HTML 6Page - Analog Devices AD5696R Datasheet HTML 7Page - Analog Devices AD5696R Datasheet HTML 8Page - Analog Devices AD5696R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD5696R/AD5695R/AD5694R
Data Sheet
Rev. D | Page 4 of 29
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE OUTPUT
Output Voltage7
2.4975
2.5025
2.4975
2.5025
V
At ambient
Reference TC8, 9
5
20
2
5
ppm/°C
See the Terminology section
Output Impedance3
0.04
0.04
Ω
Output Voltage Noise3
12
12
µV p-p
0.1 Hz to 10 Hz
Output Voltage Noise
Density3
240
240
nV/√Hz
At ambient; f = 10 kHz, CL = 10
nF
Load Regulation Sourcing3
20
20
µV/mA
At ambient
Load Regulation Sinking3
40
40
µV/mA
At ambient
Output Current Load
Capability3
±5
±5
mA
VDD ≥ 3 V
Line Regulation3
100
100
μV/V
At ambient
Thermal Hysteresis3
125
125
ppm
First cycle
25
25
ppm
Additional cycles
LOGIC INPUTS3
Input Current
±2
±2
μA
Per pin
VINL, Input Low Voltage
0.3 × VLOGIC
0.3 × VLOGIC
V
VINH, Input High Voltage
0.7 × VLOGIC
0.7 × VLOGIC
V
Pin Capacitance
2
2
pF
LOGIC OUTPUTS (SDA)3
Output Low Voltage, VOL
0.4
0.4
V
ISINK = 3 mA
Floating State Output
Capacitance
4
4
pF
POWER REQUIREMENTS
VLOGIC
1.62
5.5
1.62
5.5
V
ILOGIC
3
3
µA
VDD
2.7
5.5
2.7
5.5
V
Gain = 1
VDD
VREF + 1.5
5.5
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode10
0.59
0.7
0.59
0.7
mA
Internal reference off
1.1
1.3
1.1
1.3
mA
Internal reference on, at full scale
All Power-Down Modes11
1
4
1
4
μA
−40°C to +85°C
6
6
μA
−40°C to +105°C
1 Temperature range: A and B grade: −40°C to +105°C.
2 DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1 or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 256 to 65,280 (AD5696R), 64 to 16,320 (AD5695R), and 12 to 4080 (AD5694R).
3 Guaranteed by design and characterization; not production tested.
4 Channel A and Channel B can have a combined output current of up to 30 mA. Similarly, Channel C and Channel D can have a combined output current of up to
30 mA up to a junction temperature of 110°C.
5 VDD = 5 V. The device includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature can be exceeded
during current limit. Operation above the specified maximum operation junction temperature may impair device reliability.
6 When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25
Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 30).
7 Initial accuracy presolder reflow is ±750 μV; output voltage includes the effects of preconditioning drift. See the Internal Reference Setup section.
8 Reference is trimmed and tested at two temperatures and is characterized from −40°C to +105°C.
9 Reference temperature coefficient calculated as per the box method. See the Terminology section for further information.
10 Interface inactive. All DACs active. DAC outputs unloaded.
11 All DACs powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com