Electronic Components Datasheet Search
  English  ▼

X  

AD5696R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5696R
Description  Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5696R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5696R Datasheet HTML 18Page - Analog Devices AD5696R Datasheet HTML 19Page - Analog Devices AD5696R Datasheet HTML 20Page - Analog Devices AD5696R Datasheet HTML 21Page - Analog Devices AD5696R Datasheet HTML 22Page - Analog Devices AD5696R Datasheet HTML 23Page - Analog Devices AD5696R Datasheet HTML 24Page - Analog Devices AD5696R Datasheet HTML 25Page - Analog Devices AD5696R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD5696R/AD5695R/AD5694R
Data Sheet
Rev. D | Page 22 of 29
READ OPERATION
When reading data back from the AD5696R DACs, the user
begins with an address byte (R/W = 0), after which the DAC
acknowledges that it is prepared to receive data by pulling SDA
low. This address byte must be followed by the NOP command
operation that sets the internal pointer to the DAC address to
read from, which is also acknowledged by the DAC. Following
this, there is a repeated start condition by the master and the
address is resent with R/W = 1. This is acknowledged by the
DAC, indicating that it is prepared to transmit data. Two bytes
of data are then read from the DAC, as shown in Figure 51. A
NACK condition from the master, followed by a STOP
condition, completes the read sequence. Default readback
is Channel A if more than one DAC is selected.
MULTIPLE DAC READBACK SEQUENCE
The user begins with an address byte (R/W = 0), after which the
DAC acknowledges that it is prepared to receive data by pulling
SDA low. This address byte must be followed by the control
byte, which is also acknowledged by the DAC. The user
configures which channel to start the readback using the
control byte. Following this, there is a repeated start condition
by the master and the address is resent with R/W = 1. This is
acknowledged by the DAC, indicating that it is prepared to
transmit data. The first two bytes of data are then read from the
DAC Input Register n selected using the control byte, most
significant byte first as shown in Figure 51. The next two bytes
read back are the contents of DAC Input Register n + 1, the next
bytes read back are the contents of DAC Input Register n + 2.
Data continues to be read from the DAC input registers in this
auto-incremental fashion, until a NACK followed by a stop
condition follows. If the contents of DAC Input Register D are
read out, the next two bytes of data that are read are from the
contents of DAC Input Register A.
Figure 51. I2C Read Operation
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
1
0
0
0
1
A1
A0
R/W
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
9
9
1
START BY
MASTER
ACK. BY
AD5696R/AD5695R/AD5694R
ACK. BY
AD5696R/AD5695R/AD5694R
SCL
SCL
SDA
1
9
9
1
1
9
ACK. BY
AD5696R/AD5695R/AD5694R
REPEATED START BY
MASTER
FRAME 3
SLAVE ADDRESS
STOP BY
MASTER
FRAME 5
SLAVE ADDRESS
SIGNIFICANT DATA BYTE n
1
0
0
0
1
A1
A0
R/W
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
SDA
SCL
(CONTINUED)
SDA
(CONTINUED)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com