Electronic Components Datasheet Search
  English  ▼

X  

AD5781 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5781
Description  True 18-Bit, Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5781 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5781 Datasheet HTML 9Page - Analog Devices AD5781 Datasheet HTML 10Page - Analog Devices AD5781 Datasheet HTML 11Page - Analog Devices AD5781 Datasheet HTML 12Page - Analog Devices AD5781 Datasheet HTML 13Page - Analog Devices AD5781 Datasheet HTML 14Page - Analog Devices AD5781 Datasheet HTML 15Page - Analog Devices AD5781 Datasheet HTML 16Page - Analog Devices AD5781 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
AD5781
Rev. E | Page 13 of 27
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
TA = 25°C
VDD = +15V
VSS = –15V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
Figure 29. Zero-Scale Error vs. Reference Voltage
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
TA = 25°C
VDD = +15V
VSS = –15V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
Figure 30. Midscale Error vs. Reference Voltage
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
TA = 25°C
VDD = +15V
VSS = –15V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
Figure 31. Full-Scale Error vs. Reference Voltage
–0.30
–0.35
–0.40
–0.45
–0.50
–0.55
–0.60
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VREFP/|VREFN| (V)
TA = 25°C
VDD = +15V
VSS = –15V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
Figure 32. Gain Error vs. Reference Voltage
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
±10V SPAN
+10V SPAN
±5V SPAN
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
VREFP = +10V
VREFN = –15V
Figure 33. Full-Scale Error vs. Temperature
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
±10V SPAN
+10V SPAN
±5V SPAN
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
VREFP = +10V
VREFN = –15V
Figure 34. Midscale Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com