Electronic Components Datasheet Search
  English  ▼

X  

AD5781 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5781
Description  True 18-Bit, Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5781 Datasheet(HTML) 3 Page - Analog Devices

  AD5781 Datasheet HTML 1Page - Analog Devices AD5781 Datasheet HTML 2Page - Analog Devices AD5781 Datasheet HTML 3Page - Analog Devices AD5781 Datasheet HTML 4Page - Analog Devices AD5781 Datasheet HTML 5Page - Analog Devices AD5781 Datasheet HTML 6Page - Analog Devices AD5781 Datasheet HTML 7Page - Analog Devices AD5781 Datasheet HTML 8Page - Analog Devices AD5781 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
AD5781
Rev. E | Page 3 of 27
SPECIFICATIONS
VDD = +12.5 V to +16.5 V, VSS = −16.5 V to −12.5 V, VREFP = +10 V, VREFN = −10 V, VCC = +2.7 V to +5.5 V, IOVCC = +1.71 V to +5.5 V,
RL = unloaded, CL = unloaded, TMIN to TMAX, unless otherwise noted.
Table 3.
A, B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE2
Resolution
18
Bits
Integral Nonlinearity Error (Relative
Accuracy)
−0.5
±0.25
+0.5
LSB
B version, VREFP = +10 V, VREFN = −10 V
−0.5
±0.25
+0.5
LSB
B version, VREFP = +10 V, VREFN = 0 V3
−1
±0.5
+1
LSB
B version, VREFP = +5 V, VREFN = 0 V3
−4
±2
+4
LSB
A version4
Differential Nonlinearity Error
−0.5
±0.25
+0.5
LSB
VREFP = +10 V, VREFN = −10 V
−0.5
±0.25
+0.5
LSB
VREFP = +10 V, VREFN = 0 V3
−1
±0.5
+1
LSB
VREFP = +5 V, VREFN = 0 V3
Linearity Error Long-Term Stability5
0.04
LSB
After 500 hours at TA = 125°C
0.05
LSB
After 1000 hours at TA = 125°C
0.03
LSB
After 1000 hours t TA = 100°C
Full-Scale Error
−1.75
±0.25
+1.75
LSB
VREFP = +10 V, VREFN = −10 V3
−2.75
±0.062
+2.75
LSB
VREFP = +10 V, VREFN = 0 V3
−5.25
±0.2
+5.25
LSB
VREFP = +5 V, VREFN = 0 V3
−1
±0.25
+1
LSB
VREFP = +10 V, VREFN = −10 V3,
TA = 0°C to 105°C
−1
±0.062
+1
LSB
VREFP = 10 V, VREFN = 0 V3, TA = 0°C to 105°C
−1.5
±0.2
+1.5
LSB
VREFP = 5 V, VREFN = 0 V3, TA = 0°C to 105°C
Full-Scale Error Temperature Coefficient3
±0.02
ppm FSR/°C
Zero-Scale Error
−1.75
±0.025
+1.75
LSB
VREFP = +10 V, VREFN = −10 V3
−2.5
±0.38
+2.5
LSB
VREFP = +10 V, VREFN = 0 V3
−5.25
±0.19
+5.25
LSB
VREFP = +5 V, VREFN = 0 V3
−1
±0.025
+1
LSB
VREFP = +10 V, VREFN = −10 V3,
TA = 0°C to 105°C
−1
±0.38
+1
LSB
VREFP = 10 V, VREFN = 0 V3, TA = 0°C to 105°C
−1.5
±0.19
+1.5
LSB
VREFP = 5 V, VREFN = 0 V3, TA = 0°C to 105°C
Zero-Scale Error Temperature Coefficient3
±0.04
ppm FSR/°C
Gain Error
−6
±0.3
+6
ppm FSR
VREFP = +10 V, VREFN = −10 V3
−10
±0.4
+10
ppm FSR
VREFP = +10 V, VREFN = 0 V3
−20
±0.4
+20
ppm FSR
VREFP = +5 V, VREFN = 0 V3
Gain Error Temperature Coefficient3
±0.04
ppm FSR/°C
R1, RFB Matching
0.01
%
OUTPUT CHARACTERISTICS3
Output Voltage Range
VREFN
VREFP
V
Output Slew Rate
50
V/µs
Unbuffered output, 10 MΩ||20 pF load
Output Voltage Settling Time
1
µs
10 V step to 0.02%, using AD845
buffer in unity-gain mode
1
µs
125 code step to ±1 LSB6
Output Noise Spectral Density
7.5
nV/√Hz
at 1 kHz, DAC code = midscale
7.5
nV/√Hz
at 10 kHz, DAC code = midscale
7.5
nV/√Hz
at 100 kHz, DAC code = midscale
Output Voltage Noise
1.1
µV p-p
DAC code = midscale, 0.1 Hz to
10 Hz bandwidth7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com