Electronic Components Datasheet Search
  English  ▼

X  

AD5791 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5791
Description  Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5791 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5791 Datasheet HTML 17Page - Analog Devices AD5791 Datasheet HTML 18Page - Analog Devices AD5791 Datasheet HTML 19Page - Analog Devices AD5791 Datasheet HTML 20Page - Analog Devices AD5791 Datasheet HTML 21Page - Analog Devices AD5791 Datasheet HTML 22Page - Analog Devices AD5791 Datasheet HTML 23Page - Analog Devices AD5791 Datasheet HTML 24Page - Analog Devices AD5791 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
AD5791
Rev. E | Page 21 of 27
Table 9. Hardware Control Pins Truth Table
LDAC
CLR
RESET
Function
X1
X1
0
The AD5791 is in reset mode. The device cannot be programmed.
X1
X1
The AD5791 is returned to its power-on state. All registers are set to their default values.
0
0
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
0
1
1
The output is set according to the DAC register value.
1
0
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
1
1
The output is set according to the DAC register value.
0
1
The output remains at the clear code value.
1
1
The output remains set according to the DAC register value.
0
1
The output remains at the clear code value.
1
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
0
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
1
1
The output remains at the clear code value
0
1
The output is set according to the DAC register value.
1
X is don’t care.
ON-CHIP REGISTERS
DAC Register
Table 10 outlines how data is written to and read from the DAC register.
Table 10. DAC Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB0
R/W
Register address
DAC register data
R/W
0
0
1
20-bits of data
The following equation describes the ideal transfer function of the DAC:
(
)
REFN
REFN
REFP
OUT
V
D
V
V
V
+
−
×
−
=
1
220
where:
VREFN is the negative voltage applied at the VREFN input pins.
VREFP is the positive voltage applied at the VREFP input pins.
D is the 20-bit code programmed to the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com