Electronic Components Datasheet Search
  English  ▼

X  

LTC2632 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2632
Description  Dual 12-/10-/8-Bit SPI DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2632 Datasheet(HTML) 4 Page - Analog Devices

  LTC2632 Datasheet HTML 1Page - Analog Devices LTC2632 Datasheet HTML 2Page - Analog Devices LTC2632 Datasheet HTML 3Page - Analog Devices LTC2632 Datasheet HTML 4Page - Analog Devices LTC2632 Datasheet HTML 5Page - Analog Devices LTC2632 Datasheet HTML 6Page - Analog Devices LTC2632 Datasheet HTML 7Page - Analog Devices LTC2632 Datasheet HTML 8Page - Analog Devices LTC2632 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2632
4
2632fb
For more information www.linear.com/LTC2632
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2632-LI12/-LI10/-LI8/-LX12/-LX10/-LX8/-LZ12/-LZ10/-LZ8, LTC2632A-LI12/-LX12/-LZ12 (VFS = 2.5V)
SYMBOL PARAMETER
CONDITIONS
LTC2632-8
LTC2632-10
LTC2632-12
LTC2632A-12
UNITS
MIN
TYP
MAX MIN TYP
MAX MIN TYP MAX MIN TYP MAX
DC Performance
Resolution
l
8
10
12
12
Bits
Monotonicity
VCC = 3V, Internal Ref.
(Note 3)
l
8
10
12
12
Bits
DNL
Differential
Nonlinearity
VCC = 3V, Internal Ref.
(Note 3)
l
±0.5
±0.5
±1
±1
LSB
INL
Integral
Nonlinearity
VCC = 3V, Internal Ref.
(Note 3)
l
±0.05 ±0.5
±0.2
±1
±1
±2.5
±0.5
±1
LSB
ZSE
Zero-Scale
Error
VCC = 3V, Internal Ref.,
Code = 0
l
0.5
5
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Ref.
(Note 4)
l
±0.5
±5
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS
Temperature
Coefficient
VCC = 3V, Internal Ref.
±10
±10
±10
±10
µV/°C
GE
Gain Error
VCC = 3V, Internal Ref.
l
0.2
0.8
0.2
0.8
0.2
0.8
0.2
0.8
%FSR
GETC
Gain
Temperature
Coefficient
VCC = 3V, Internal Ref.
(Note 9)
C-Grade
H-Grade
10
10
10
10
10
10
10
10
ppm/°C
ppm/°C
Load
Regulation
Internal Ref., Mid-Scale,
VCC = 3V±10%,
–5mA ≤ IOUT ≤ 5mA
VCC = 5V±10%,
–10mA ≤ IOUT ≤ 10mA
l
l
0.009
0.009
0.016
0.016
0.035
0.035
0.064
0.064
0.14
0.14
0.256
0.256
0.14
0.14
0.256
0.256
LSB/mA
LSB/mA
ROUT
DC Output
Impedance
Internal Ref., Mid-Scale,
VCC = 3V±10%,
–5mA ≤ IOUT ≤ 5mA
VCC = 5V±10%,
–10mA ≤ IOUT ≤ 10mA
l
l
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
Ω
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
External Reference
Internal Reference
0 to VREF
0 to 2.5
V
V
PSR
Power Supply Rejection
VCC = 3V±10% or 5V±10%
–80
dB
ISC
Short-Circuit Output Current (Note 5)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero-Scale; VOUT Shorted to VCC
Full-Scale; VOUT Shorted to GND
l
l
27
–28
48
–48
mA
mA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current (Note 6)
VCC = 3V, VREF = 2.5V, External Reference
VCC = 3V, Internal Reference
VCC = 5V VREF = 2.5V, External Reference
VCC = 5V, Internal Reference
l
l
l
l
0.3
0.4
0.3
0.4
0.5
0.6
0.5
0.6
mA
mA
mA
mA
ISD
Supply Current in Power-Down Mode
(Note 6)
VCC = 5V
l
0.5
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com