Electronic Components Datasheet Search
  English  ▼

X  

LTC2632 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2632
Description  Dual 12-/10-/8-Bit SPI DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2632 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2632 Datasheet HTML 16Page - Analog Devices LTC2632 Datasheet HTML 17Page - Analog Devices LTC2632 Datasheet HTML 18Page - Analog Devices LTC2632 Datasheet HTML 19Page - Analog Devices LTC2632 Datasheet HTML 20Page - Analog Devices LTC2632 Datasheet HTML 21Page - Analog Devices LTC2632 Datasheet HTML 22Page - Analog Devices LTC2632 Datasheet HTML 23Page - Analog Devices LTC2632 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2632
24
2632fb
For more information www.linear.com/LTC2632
LINEAR TECHNOLOGY CORPORATION 2011
LT 0617 REV B • PRINTED IN USA
www.linear.com/LTC2632
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1662
Dual 10-Bit Ultralow Power VOUT DAC in 8-Lead MSOP
with External Reference
1.5µA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output,
SPI Serial Interface
LTC2602/LTC2612/
LTC2622
Dual 16-/14-/12-Bit VOUT DACs in 8-Lead MSOP
with External Reference
300µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output,
SPI Serial Interface
LTC2607/LTC2617/
LTC2627
Dual 16-/14-/12-Bit VOUT DACs in 12-Lead DFN
with External Reference
260µA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output,
I2C Serial Interface
LTC2630
Single 12-/10-/8-Bit VOUT DACs with 10ppm/°C Reference
in SC70
180µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
Rail-to-Rail Output, SPI Serial Interface
LTC2631
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C
Reference in ThinSOT
180µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
External REF Mode, Rail-to-Rail Output, I2C Interface
LTC2634
Quad 12-/10-/8-Bit VOUT DACs with 10ppm/°C Reference
125µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
External REF Mode, Rail-to-Rail Output, SPI Interface
LTC2636
Octal 12-/10-/8-Bit VOUT DACs with 10ppm/°C Reference
125µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
External REF Mode, Rail-to-Rail Output, SPI Interface
LTC2640
Single 12-/10-/8-Bit VOUT DACs with 10ppm/°C Reference
in ThinSOT
180µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
External REF Mode, Rail-to-Rail Output, SPI Interface
LTC2654
Quad 16-/12-Bit VOUT DACs with ±4 LSB INL, ±1 LSB DNL
4mm × 4mm QFN-20, SSOP-16 Packages, SPI Interface,
Internal 10ppm/°C (Max) Reference
RELATED PARTS
LTC2632 DACs Adjust LTC2755-16 Offset, Amplified with LT1991 PGA to ±5V
DAC A
DAC D
LTC2755
RCOM1
RIN1
OUTA
–15V
15V
ROFSA
RFBA
RVOSA
GND
IOUT1A
IOUT2A
VDD
5V
REFA
–
+
1/2 LT1469
1/2 LT1469
15V
–15V
DAC C
–15V
30k
LT1634-1.25
SERIAL
BUS
DAC A
CS/LD
SCK
2632 TA02
0.1µF
GND
LTC2632TS8-LI12
REF
5V
5V
VCC
SDI
DAC B
M9
M3
M1
OUT
VOUT
±6V
LT1991
REF
VEE
VCC
P1
P3
P9
0.1µF
0.1µF
10V
–10V
DAC B
0.1µF
LT6240
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
30pF
30pF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com