Electronic Components Datasheet Search
  English  ▼

X  

TIL113 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # TIL113
Description  6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL113 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  TIL113 Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2014-06-26 08:05:03.0
DATASHEET
6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
TIL113, 4NXX, H11BX Series
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : June 14, 2014. Issue No: DPC-0000021
Rev. 3
www.everlight.com
Electro-Optical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
IF = 50mA for H11B3
Reverse Current
IR
-
-
10
µA
VR = 6V
Input capacitance
Cin
-
50
-
pF
V = 0, f = 1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter
dark current
ICEO
-
-
100
nA
VCE = 10V
Collector-Emitter
breakdown voltage
BVCEO
55
-
-
V
Ic=1mA
Emitter-Collector
breakdown voltage
BVCBO
55
-
-
V
IC=0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE=0.1mA
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Current
transfer
ratio
4N32
4N33
CTR
500
-
-
%
IF = 10mA ,VCE = 10V
4N29
4N30
100
-
-
4N31
50
-
-
H11B1
500
-
-
IF = 1mA ,VCE = 5V
H11B2
200
-
-
H11B3
100
-
-
H11B255
100
-
-
IF = 10mA ,VCE = 5V
TIL113
300
-
-
IF = 10mA ,VCE = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com