Electronic Components Datasheet Search
  English  ▼

X  

TIL113 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # TIL113
Description  6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL113 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  TIL113 Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL113 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2014-06-26 08:05:03.0
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : June 14, 2014. Issue No: DPC-0000021
Rev. 3
www.everlight.com
6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
TIL113, 4NXX, H11BX Series
Features:
• 4NXX series: 4N29, 4N30, 4N31, 4N32, 4N33
• H11BX series: H11B1, H11B2, H11B3, H11B255
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Creepage distance >7.62 mm
• Operating temperature up to +110°C
• Compact small outline package
• Pb free and RoHS compliant.
• UL and cUL approved(No. E214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
Description
The TIL113, 4NXX and H11BX series of devices each consist of an infrared emitting diode optically coupled to a
photo darlington detector.
They are packaged in a 6-pin DIP package and available in wide-lead spacing and SMD option.
Applications
 Low power logic circuits
 Telecommunications equipment
 Portable electronics
 Interfacing coupling systems of different potentials and impedances
Schematic
1
2
6
5
4
3
Pin Configuration
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base


Similar Part No. - TIL113

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
TIL113 QT-TIL113 Datasheet
140Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
TIL113 FAIRCHILD-TIL113 Datasheet
158Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
logo
Texas Instruments
TIL113 TI-TIL113 Datasheet
226Kb / 6P
Gallium Arsenide Diode Infrared Source Optically Coupled to a Silicon NPN Darlinrton-Connected Phototransistor
logo
ISOCOM COMPONENTS
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
331Kb / 13P
6 PIN PHOTODARLINGTON
More results

Similar Description - TIL113

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N29 EVERLIGHT-4N29 Datasheet
327Kb / 13P
6 PIN PHOTODARLINGTON PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
May 23, 2013
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com