| Electronic Components Datasheet Search |
|
2N4401RLRPG Datasheet(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
2N4401RLRPG Datasheet(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() 2N4401 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector−Emitter Breakdown Voltage (Note 1) (IC = 1.0 mAdc, IB = 0) V(BR)CEO 40 − Vdc Collector−Base Breakdown Voltage (IC = 0.1 mAdc, IE = 0) V(BR)CBO 60 − Vdc Emitter−Base Breakdown Voltage (IE = 0.1 mAdc, IC = 0) V(BR)EBO 6.0 − Vdc Base Cutoff Current (VCE = 35 Vdc, VEB = 0.4 Vdc) IBEV − 0.1 mAdc Collector Cutoff Current (VCE = 35 Vdc, VEB = 0.4 Vdc) ICEX − 0.1 mAdc ON CHARACTERISTICS (Note 1) DC Current Gain (IC = 0.1 mAdc, VCE = 1.0 Vdc) (IC = 1.0 mAdc, VCE = 1.0 Vdc) (IC = 10 mAdc, VCE = 1.0 Vdc) (IC = 150 mAdc, VCE = 1.0 Vdc) (IC = 500 mAdc, VCE = 2.0 Vdc) hFE 20 40 80 100 40 − − − 300 − − Collector−Emitter Saturation Voltage (IC = 150 mAdc, IB = 15 mAdc) Collector−Emitter Saturation Voltage (IC = 500 mAdc, IB = 50 mAdc) VCE(sat) − − 0.4 0.75 Vdc Base−Emitter Saturation Voltage (IC = 150 mAdc, IB = 15 mAdc) Base−Emitter Saturation Voltage (IC = 500 mAdc, IB = 50 mAdc) VBE(sat) 0.75 − 0.95 1.2 Vdc SMALL−SIGNAL CHARACTERISTICS Current−Gain − Bandwidth Product (IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz) fT 250 − MHz Collector−Base Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz) Ccb − 6.5 pF Emitter−Base Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Ceb − 30 pF Input Impedance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) hie 1.0 15 k ohms Voltage Feedback Ratio (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) hre 0.1 8.0 X 10−4 Small−Signal Current Gain (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) hfe 40 500 − Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz) hoe 1.0 30 mmhos SWITCHING CHARACTERISTICS Delay Time (VCC = 30 Vdc, VBE = 2.0 Vdc, td − 15 ns Rise Time (VCC 30 Vdc, VBE 2.0 Vdc, IC = 150 mAdc, IB1 = 15 mAdc) tr − 20 ns Storage Time (VCC = 30 Vdc, IC = 150 mAdc, ts − 225 ns Fall Time (VCC 30 Vdc, IC 150 mAdc, IB1 = IB2 = 15 mAdc) tf − 30 ns 1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2.0%. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |