Electronic Components Datasheet Search
  English  ▼

X  

2N4401RLRPG Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N4401RLRPG
Description  General Purpose Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401RLRPG Datasheet(HTML) 3 Page - ON Semiconductor

  2N4401RLRPG Datasheet HTML 1Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 2Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 3Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 4Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 5Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 6Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 7Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N4401
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping†
2N4401
TO−92
5,000 Units / Box
2N4401RLRA
TO−92
2,000 / Tape & Reel
2N4401RLRAG
TO−92
(Pb−Free)
2,000 / Tape & Reel
2N4401RLRM
TO−92
2,000 / Ammo Pack
2N4401RLRP
TO−92
2,000 / Ammo Pack
2N4401RLRPG
TO−92
(Pb−Free)
2,000 / Ammo Pack
2N4401ZL1
TO−92
2,000 / Ammo Pack
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+16 V
−2.0 V
< 2.0 ns
0
1.0 to 100 ms,
DUTY CYCLE ≈ 2.0%
1.0 kW
+30 V
200 W
CS* < 10 pF
+16 V
−14 V
0
< 20 ns
1.0 to 100 ms,
DUTY CYCLE ≈ 2.0%
1.0 kW
+30 V
200 W
CS* < 10 pF
−4.0 V
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
50
3.0
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70
100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Cobo
QT
QA
25°C
100°C
TRANSIENT CHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb



Html Pages

1 2 3 4 5 6 7 8