Electronic Components Datasheet Search
  English  ▼

X  

5145B Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 5145B
Description  Bus Terminal Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5145B Datasheet(HTML) 4 Page - PHOENIX CONTACT

  5145B Datasheet HTML 1Page - PHOENIX CONTACT 5145B Datasheet HTML 2Page - PHOENIX CONTACT 5145B Datasheet HTML 3Page - PHOENIX CONTACT 5145B Datasheet HTML 4Page - PHOENIX CONTACT 5145B Datasheet HTML 5Page - PHOENIX CONTACT 5145B Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IBS ST (ZF) 24 BKM-T
4
5145B
Technical Data
General
Housing dimensions (width x height x depth)
44 mm x 117 mm x 116 mm
(1.732 in. x 4.606 in. x 4.567 in.)
Permissible operating temperature
From 0°C to 55°C (32°F to 131°F)
Permissible storage temperature
From -20°C to 70°C (-4°F to 158°F)
Degree of protection
IP 20, DIN 40050, IEC 60529
Class of protection
Class 3 VDE 0106, IEC 60536
Humidity (operation)
30% to 75%, no condensation
Humidity (storage)
30% to 95%, no condensation
Air pressure (operation)
From 86 kPa to 108 kPa, 1500 m (4921.26 ft.)
above sea level
Air pressure (storage)
From 66 kPa to 108 kPa, 3500 m (11,482.94 ft.)
above sea level
Electrical isolation
Between incoming and outgoing remote bus
500 V AC test voltage, 50 Hz, 1 min.
Between incoming remote bus and ST local
bus
500 V AC test voltage, 50 Hz, 1 min.
Emitted interference
EN 50081-2, Class A
Preferred installation position
Panel mounting (on a horizontally mounted
DIN rail)
Protective Ground Connection
Via DIN rail
Weight
200 g, typical
Interfaces
INTERBUS
Incoming remote bus
8-pos. MINI-COMBICON connector
Outgoing remote bus
8-pos. MINI-COMBICON connector
ST interface
ST cable
Number of ST modules that can be connected 4 (note the current load)
Supply current for the local bus
500 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com