Electronic Components Datasheet Search
  English  ▼

X  

5145B Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 5145B
Description  Bus Terminal Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5145B Datasheet(HTML) 5 Page - PHOENIX CONTACT

  5145B Datasheet HTML 1Page - PHOENIX CONTACT 5145B Datasheet HTML 2Page - PHOENIX CONTACT 5145B Datasheet HTML 3Page - PHOENIX CONTACT 5145B Datasheet HTML 4Page - PHOENIX CONTACT 5145B Datasheet HTML 5Page - PHOENIX CONTACT 5145B Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IBS ST (ZF) 24 BKM-T
5145B
5
Polarity reversal of the input voltage and a current of > 2 A can damage the module
electronics as there is no module internal fuse. Therefore, install a 2 A external fuse.
Ordering Data
Power Consumption
Communications power
9 V DC
I/O supply voltage US
24 V DC
Current consumption of US
Without ST local bus modules
150 mA at 24 V, typical
Maximum
350 mA at 24 V, typical
Total current consumption of all I/O modules at
the ST local bus
500 mA at 9 V, maximum
I/O Supply Voltage (US)
Nominal value
24 V DC
Permissible ripple
3.6 Vpp within the permissible voltage range
Permissible voltage range (including ripple)
Operation: 20 V DC to 30 V DC
Current consumption of US
Without ST local bus modules
150 mA at 24 V, typical
Maximum
350 mA at 24 V, typical
Permissible total current consumption of all I/O
modules from the ST local bus
500 mA at 9 V, maximum
Meaning
Order Designation
Order No.
BK module (screw-clamp terminals)
IBS ST 24 BKM-T
27 50 15 4
BK module (spring-clamp terminals)
IBS ST ZF 24 BKM-T
27 24 96 0
Replacement shield clamp
IBS RB-SHIELD
27 22 74 2
Replacement remote bus connector set
IBS RB PLSET/MC 1.5/8
27 22 75 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com