Electronic Components Datasheet Search
  English  ▼

X  

6843 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 6843
Description  Inline, digital output terminal, digital outputs: 32, 24 V DC, 500 mA connection technology: 1-conductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6843 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 6843 Datasheet HTML 6Page - PHOENIX CONTACT 6843 Datasheet HTML 7Page - PHOENIX CONTACT 6843 Datasheet HTML 8Page - PHOENIX CONTACT 6843 Datasheet HTML 9Page - PHOENIX CONTACT 6843 Datasheet HTML 10Page - PHOENIX CONTACT 6843 Datasheet HTML 11Page - PHOENIX CONTACT 6843 Datasheet HTML 12Page - PHOENIX CONTACT 6843 Datasheet HTML 13Page - PHOENIX CONTACT 6843 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IB IL 24 DO 32/HD (2MBD)-PAC
6843_en_06
PHOENIX CONTACT 13 / 14
11
Local diagnostic and status indicators
Figure 7
Local diagnostic and status indicators
Function identification
Pink
2 Mbps: White stripe in the vicinity of the D LED
Designation
Color
Meaning
D
Green
Diagnostics (bus and logic
voltage)
For each connector
1 ... 8
Yellow
Status of the outputs
6
5
1 2
3 4
D
7 8
6
5
1 2
3 4
7 8
6
5
1 2
3 4
7 8
6
5
1 2
3 4
7 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com