Electronic Components Datasheet Search
  English  ▼

X  

6843 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 6843
Description  Inline, digital output terminal, digital outputs: 32, 24 V DC, 500 mA connection technology: 1-conductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6843 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  6843 Datasheet HTML 1Page - PHOENIX CONTACT 6843 Datasheet HTML 2Page - PHOENIX CONTACT 6843 Datasheet HTML 3Page - PHOENIX CONTACT 6843 Datasheet HTML 4Page - PHOENIX CONTACT 6843 Datasheet HTML 5Page - PHOENIX CONTACT 6843 Datasheet HTML 6Page - PHOENIX CONTACT 6843 Datasheet HTML 7Page - PHOENIX CONTACT 6843 Datasheet HTML 8Page - PHOENIX CONTACT 6843 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IB IL 24 DO 32/HD (2MBD)-PAC
6843_en_06
PHOENIX CONTACT
2 / 14
2Table of contents
1
Description .............................................................................................................................. 1
2
Table of contents ..................................................................................................................... 2
3
Ordering data .......................................................................................................................... 3
4
Technical data ......................................................................................................................... 4
5
Additional tables ...................................................................................................................... 8
5.1
Output characteristic curve
..................................................................................................... 8
5.2
Power dissipation
................................................................................................................ 8
5.3
Limitation of simultaneity, derating
........................................................................................... 8
6
Internal circuit diagram ............................................................................................................ 9
7
Notes on using the terminal block in potentially explosive areas ........................................... 10
8
Terminal point assignment..................................................................................................... 11
9
Connection notes and examples ........................................................................................... 11
10
Application examples ............................................................................................................ 12
11
Local diagnostic and status indicators ................................................................................... 13
12
Process data.......................................................................................................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com