Electronic Components Datasheet Search
  English  ▼

X  

6885 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 6885
Description  Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6885 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 6885 Datasheet HTML 9Page - PHOENIX CONTACT 6885 Datasheet HTML 10Page - PHOENIX CONTACT 6885 Datasheet HTML 11Page - PHOENIX CONTACT 6885 Datasheet HTML 12Page - PHOENIX CONTACT 6885 Datasheet HTML 13Page - PHOENIX CONTACT 6885 Datasheet HTML 14Page - PHOENIX CONTACT 6885 Datasheet HTML 15Page - PHOENIX CONTACT 6885 Datasheet HTML 16Page - PHOENIX CONTACT 6885 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ILB DN 24 DI16 DO16
6885_en_05
PHOENIX CONTACT
13
Connection Example
Figure 7
Connection example
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
5
6
5
6
1
2
1
2
3
4
1
2
3
4
+
-
U
A 2
1
2
1
2
3
4
1
2
3
4
U
S
U
A 1
+
D e v i c e N e t
1
2
3
4
5
6
7
8
9
1 0
6 8 8 5 A 0 1 0
If the module is used in a DeviceNet™
network, UL must be connected to the
COMBICON connector. Therefore, connect UL
to the COMBICON connector at pin V+ and
pin V-.
The connection options at Inline connectors 1
and 2 are designed for test purposes only (see
"Terminal Point Assignment of Power
Connectors (Connectors 1 and 2 in Figure 6)"
on page 11).
The numbers above the module illustration
identify the connector slots.
The module has an FE spring (metal clip) on
the bottom of the electronics base. This spring
creates an electrical connection to the DIN rail.
Use grounding terminals to connect the
DIN rail to protective earth ground. The module
is grounded when it is snapped onto the
DIN rail.
To ensure reliable functional earth grounding
of the module even when the DIN rail is dirty or
the metal clip is damaged, Phoenix Contact
also recommends grounding the module via
one of the FE terminal points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com