Electronic Components Datasheet Search
  English  ▼

X  

6885 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 6885
Description  Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6885 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  6885 Datasheet HTML 1Page - PHOENIX CONTACT 6885 Datasheet HTML 2Page - PHOENIX CONTACT 6885 Datasheet HTML 3Page - PHOENIX CONTACT 6885 Datasheet HTML 4Page - PHOENIX CONTACT 6885 Datasheet HTML 5Page - PHOENIX CONTACT 6885 Datasheet HTML 6Page - PHOENIX CONTACT 6885 Datasheet HTML 7Page - PHOENIX CONTACT 6885 Datasheet HTML 8Page - PHOENIX CONTACT 6885 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ILB DN 24 DI16 DO16
6885_en_05
PHOENIX CONTACT
2
Ordering Data
Product
Description
Type
Order No.
Pcs./Pkt.
Inline Block IO module for DeviceNet™ with 16 digital inputs and 16 digital
outputs
ILB DN 24 DI16 DO16
2862602
1
Accessories: Connector
Description
Type
Order No.
Pcs./Pkt.
TWIN-COMBICON connector for bus connection
TMSTBP 2,5/ 5-STF-5,08 GNAU CP 2862576
1
Accessories: Connectors as Replacement Item
Description
Type
Order No.
Pcs./Pkt.
Connector for the supply (color print)
IB IL SCN-PWR IN-CP
2727637
5
Connector, with color print, for digital 4-channel or 16-channel Inline output
terminals
IB IL SCN-12-OPC
2727624
10
Connector, with color print, for digital 4-channel or 16-channel Inline input
terminals
IB IL SCN-12-IPC
2727611
10
Accessories: Other
Description
Type
Order No.
Pcs./Pkt.
Recommended end clamp; placed both to the right and left of the module to
secure it on the DIN rail
CLIPFIX 35-5
3022276
50
Documentation
Description
Type
Order No.
Pcs./Pkt.
"Mounting and Removing Inline Block IO Modules" application note
AH ILB INSTALLATION
9014931
1
"Configuring a DeviceNet™ System Using Devices in the Fieldline Product
Range" user manual
FLS FLM DN SYS PRO UM E
2699082
1
"Addressing of 16-Channel ILB Modules" application note
AH ILB 24 DI/DO 16 ADDRESS
9014962
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com