Electronic Components Datasheet Search
  English  ▼

X  

7079 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 7079
Description  Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7079 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 7079 Datasheet HTML 9Page - PHOENIX CONTACT 7079 Datasheet HTML 10Page - PHOENIX CONTACT 7079 Datasheet HTML 11Page - PHOENIX CONTACT 7079 Datasheet HTML 12Page - PHOENIX CONTACT 7079 Datasheet HTML 13Page - PHOENIX CONTACT 7079 Datasheet HTML 14Page - PHOENIX CONTACT 7079 Datasheet HTML 15Page - PHOENIX CONTACT 7079 Datasheet HTML 16Page - PHOENIX CONTACT 7079 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
IB IL TEMP 4/8 RTD ...
7079_en_05
PHOENIX CONTACT
13
Bit 3 to bit 0:
Example of a parameterization
Sensor Pt1000 DIN
14
IN process data words
14.1
Input word IN1 (status word)
The input word IN1 serves as status word.
EB: Error bit
The following error bits set the error bit during configuration:
–
An invalid parameter word was sent.
Remedy: Check the parameters (see "Parameters for
configuration" on page 12)
–
Parameterization via process data was disabled during
parameterization via PCP
Remedy: Permit parameterization via process data
("System bit" element, "Conf" bit = 1, see "Config Table
object" on page 19)
Mirroring of the command code:
A command code mirrored from the control word. Here, the
MSB is suppressed.
Code
Sensor type
Code
Sensor type
dec
bin
dec
bin
0
0000
Pt DIN
8
1000
Ni500 (Viessmann)
1
0001
Pt SAMA
9
1001
KTY 81-110
2
0010
Ni DIN
10
1010
KTY 84
3
0011
Ni SAMA
11
1011
KTY 81-210
4
0100
Cu10
12
1100
Reserved
5
0101
Cu50
13
1101
Potentiometer [%]
6
0110
Cu53
14
1110
Linear R: 0 to 400
Ω
7
0111
Ni1000 (Landis & Gyr)
15
1111
Linear R: 0 to 20000
Ω
OUT2
Bit
15
14
13
12
11
10
98765
43210
Assignment
0
Filter
2/3
R
0
Resolution
Format
Sensor type
Assignment
0
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
IN1
Bit
15
14
13
12
11
10
98765
43210
Assignment
EB
Mirrored command code
000
00000
EB = 0
No error has occurred.
EB = 1
An error has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com