Electronic Components Datasheet Search
  English  ▼

X  

7079 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 7079
Description  Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7079 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 7079 Datasheet HTML 16Page - PHOENIX CONTACT 7079 Datasheet HTML 17Page - PHOENIX CONTACT 7079 Datasheet HTML 18Page - PHOENIX CONTACT 7079 Datasheet HTML 19Page - PHOENIX CONTACT 7079 Datasheet HTML 20Page - PHOENIX CONTACT 7079 Datasheet HTML 21Page - PHOENIX CONTACT 7079 Datasheet HTML 22Page - PHOENIX CONTACT 7079 Datasheet HTML 23Page - PHOENIX CONTACT 7079 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
IB IL TEMP 4/8 RTD ...
7079_en_05
PHOENIX CONTACT
20
The "System bit" element is set up as follows:
"Conf"
If bit 0 = 0, configuration via process data is disabled (default)."Conf"
If bit 0 = 1, configuration via process data is permitted (command codes 40xx
hex and 6000hex).
Analog Values object
The elements of this object contain the analog values of the
channels in a format that has been selected for this channel.
Object description:
Bit
15
14
13
12
11
10
98765
43210
Assignment
00000000000
0000
Con
f
Object
Analog Values
Access
Read
Data type
Array of Unsigned 16
8 x 2 bytes
Index
0081
hex
Subindex
00
hex
01
hex
02
hex
03
hex
04
hex
05
hex
06
hex
07
hex
08
hex
Read all elements
Analog value of channel 1
Analog value of channel 2
Analog value of channel 3
Analog value of channel 4
Analog value of channel 5
Analog value of channel 6
Analog value of channel 7
Analog value of channel 8
Length (bytes)
10
hex
02
hex
Subindex 00
hex
Subindex 01
hex to 08hex
Data
Analog values of the channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com