Electronic Components Datasheet Search
  English  ▼

X  

7210 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 7210
Description  Inline terminal with two fast analog input channels for connecting strain gauges
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7210 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 7210 Datasheet HTML 9Page - PHOENIX CONTACT 7210 Datasheet HTML 10Page - PHOENIX CONTACT 7210 Datasheet HTML 11Page - PHOENIX CONTACT 7210 Datasheet HTML 12Page - PHOENIX CONTACT 7210 Datasheet HTML 13Page - PHOENIX CONTACT 7210 Datasheet HTML 14Page - PHOENIX CONTACT 7210 Datasheet HTML 15Page - PHOENIX CONTACT 7210 Datasheet HTML 16Page - PHOENIX CONTACT 7210 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IB IL SGI 2/F ...
7210_en_02
PHOENIX CONTACT
13
9.4
Permissible characteristics according to the jumper supply
The table below indicates which characteristic can be configured for which jumper supply.
10
Programming data/configuration data
Local bus (INTERBUS))
Other bus systems
11
Process data
The terminal occupies three process data words and one PCP word.
Figure 7
Order of the process data words
Characteristic
UV = 3.3 V
UV = 5 V
+1 mV/V
Yes
Yes
±1 mV/V
Yes
Yes
+2 mV/V
Yes
Yes
±2 mV/V
Yes
Yes
+3 mV/V
Yes
Yes
±3 mV/V
Yes
No
+4 mV/V
Yes
Yes
±4 mV/V
Yes
No
ID code
DFhex (223dec)
Length code
03hex
Process data channel
48 bits
Input address area
3 words
Output address area
3 words
Parameter channel (PCP)
1 word
Register length (bus)
4 words
For the programming/configuration data of
other bus systems, please refer to the
corresponding electronic device data sheet
(e.g., GSD, EDS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com