Electronic Components Datasheet Search
  English  ▼

X  

7210 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 7210
Description  Inline terminal with two fast analog input channels for connecting strain gauges
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7210 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 7210 Datasheet HTML 14Page - PHOENIX CONTACT 7210 Datasheet HTML 15Page - PHOENIX CONTACT 7210 Datasheet HTML 16Page - PHOENIX CONTACT 7210 Datasheet HTML 17Page - PHOENIX CONTACT 7210 Datasheet HTML 18Page - PHOENIX CONTACT 7210 Datasheet HTML 19Page - PHOENIX CONTACT 7210 Datasheet HTML 20Page - PHOENIX CONTACT 7210 Datasheet HTML 21Page - PHOENIX CONTACT 7210 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
IB IL SGI 2/F ...
7210_en_02
PHOENIX CONTACT
21
15
Startup/measuring jumper detuning
To start the terminal, proceed as follows:
•
Install the terminal within the Inline station. To do so, proceed as described in the package slip.
•
Connect the strain gauge in 6 or 4-wire technology (see "Connection examples" on page 10).
•
Connect the voltage to the Inline station.
•
On this power up the terminal is configured with the default values.
•
If you do not wish to operate the terminal with the default values, configure the terminal via process data
(see "OUT process data output words" on page 14) or PCP (see "PCP communication" on page 18).
•
Jumper detuning can now be measured.
16
Configuration and analog values
Terminal configuration is only required if at least one of the channels is to be operated outside the default values (see
"Parameters for configuration" on page 15).
You can configure the terminal either using process data or using PCP and transmit the analog values accordingly.
If you have configured the terminal via PCP, the configuration can no longer be modified using the process data.
Example 1: Configuring the terminal via process data
A strain gauge pressure force transducer for control system applications is connected to channel 1. Its data sheet specifies
a characteristic of +2 mV/V at a nominal load of 500 N. The following configuration is thus selected for channel 1:
A tractive and pressure force transducer with the characteristic ±4 mV/V at a load of 1 kN is connected to channel 2. The
following configuration is thus selected for channel 2:
Jumper detuning can only be measured if the corresponding input is configured. To configure the input, the
jumper supply UV must be present.
For easy terminal configuration a function block can be downloaded at www.phoenixcontact.com.
Channel 1
Characteristic:
+2 mV/V
Filter:
No mean-value generation
Configuration value OUT2:
8002hex
Channel 2
Characteristic:
±4 mV/V
Filter:
16-sample mean-value generation
Configuration value OUT3:
8107hex
If both channels are operated in the default configuration, configuration is not required. When a configuration
command is sent, however, both channels will always be configured. Therefore also enter the corresponding
parameterization for the channel that is to be operated in the default configuration. If a "0" is transmitted for
channel 1 in bit 15 (do not configure, see bit 15 on page 15), the channel does not provide any values in the
following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com