Electronic Components Datasheet Search
  English  ▼

X  

7567 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 7567
Description  Inline terminal with eight analog input channels for the connection of resistive temperature detectors (RTD)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7567 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 7567 Datasheet HTML 16Page - PHOENIX CONTACT 7567 Datasheet HTML 17Page - PHOENIX CONTACT 7567 Datasheet HTML 18Page - PHOENIX CONTACT 7567 Datasheet HTML 19Page - PHOENIX CONTACT 7567 Datasheet HTML 20Page - PHOENIX CONTACT 7567 Datasheet HTML 21Page - PHOENIX CONTACT 7567 Datasheet HTML 22Page - PHOENIX CONTACT 7567 Datasheet HTML 23Page - PHOENIX CONTACT 7567 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
IB IL TEMP 4/8 RTD/EF ...
7567_en_07
PHOENIX CONTACT
20
16
Formats for representing measured values
16.1
IB IL format (default setting)
The measured value is represented in bits 14 to 0. An additional bit (bit 15) is available as a sign bit.
This format supports extended diagnostics. Values >8000
hex and <8100hex indicate an error.
Measured value representation in IB IL format, 15 bits
The following diagnostic codes are supported:
MSB
LSB
15
14
13
12
11
10
987
654
321
0
SB
Analog value
SB
Sign bit
IB input word
All temperature sensors [°C/°F]
R
0 up to 500 Ω
R
0 up to 5 kΩ
Code (hex) dec
Resolution
Resolution
Resolution
Resolution
0.1°C/°F
0.01°C/°F
0.1
Ω
0.01
Ω
1
Ω
0.1
Ω
8001
Overrange
> Limit value
> Limit value
>525
>325.12
>5250
>3251.2
0FA0
1000
+100.0
+10.0
100.0
10.0
1000.0
100.0
0001
1
+0.1
+0.01
+0.1
+0.01
+1.0
+0.1
0000
0
0
0
≤ 0
≤ 0
≤ 0
≤ 0
FFFF
-1
-0.1
-0.01
–
–
–
FC18
-1000
-100.0
-10.0
–
–
–
8080
Underrange
< Limit value
< Limit value
–
–
–
Code (hex)
Error
8001
Overrange
8002
Open circuit
8004
Measured value invalid/no valid measured value available (e.g., because the channel has not been
configured)
8010
Invalid configuration
8020
I/O supply voltage faulty
8040
Terminal faulty
8080
Underrange
If the measured value is outside the representation area of the process data, the error message "Overrange" or
"Underrange" is displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com