Electronic Components Datasheet Search
  English  ▼

X  

7567 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 7567
Description  Inline terminal with eight analog input channels for the connection of resistive temperature detectors (RTD)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7567 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 7567 Datasheet HTML 17Page - PHOENIX CONTACT 7567 Datasheet HTML 18Page - PHOENIX CONTACT 7567 Datasheet HTML 19Page - PHOENIX CONTACT 7567 Datasheet HTML 20Page - PHOENIX CONTACT 7567 Datasheet HTML 21Page - PHOENIX CONTACT 7567 Datasheet HTML 22Page - PHOENIX CONTACT 7567 Datasheet HTML 23Page - PHOENIX CONTACT 7567 Datasheet HTML 24Page - PHOENIX CONTACT 7567 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
IB IL TEMP 4/8 RTD/EF ...
7567_en_07
PHOENIX CONTACT
21
16.2
S7 format compatible
The measured value for temperature and resistance values is represented in bits 14 through 0. An additional bit (bit 15) is
available as a sign bit.
Measured value representation in S7 format, 15 bits
The following diagnostic codes are possible:
MSB
LSB
15
14
13
12
11
10
987
654
321
0
SB
Analog value
SB
Sign bit
IB input word
All temperature sensors [°C/°F]
0 to 500
Ω
0 to 5 k
Ω
Code (hex) dec
Resolution
Resolution
Resolution
Resolution
0.1°C/°F
0.01°C/°F
0.1
Ω
0.01
Ω
1
Ω
0.1
Ω
7FFF
Overrange
> Limit value
> Limit value
>525
>325.12
>5250
>3251.2
0FA0
1000
+100.0
+10.0
100.0
10.0
1000.0
100.0
0001
1
+0.1
+0.01
+0.1
+0.01
+1.0
+0.1
0000
0
0
0
≤ 0
≤ 0
≤ 0
≤ 0
FFFF
-1
-0.1
-0.01
–
–
–
FC18
-1000
-100.0
-10.0
–
–
–
8000
Underrange
< Limit value
< Limit value
–
–
–
Code (hex)
Error
7FFF
Overrange
8002
Open circuit
8004
Measured value invalid/no valid measured value available (e.g., because the channel has not been
configured)
8010
Invalid configuration
8020
I/O supply voltage faulty
8040
Terminal faulty
8000
Underrange
If the measured value is outside the representation area of the process data, the error message "Overrange" or
"Underrange" is displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com