Electronic Components Datasheet Search
  English  ▼

X  

7649 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 7649
Description  PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7649 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 7649 Datasheet HTML 9Page - PHOENIX CONTACT 7649 Datasheet HTML 10Page - PHOENIX CONTACT 7649 Datasheet HTML 11Page - PHOENIX CONTACT 7649 Datasheet HTML 12Page - PHOENIX CONTACT 7649 Datasheet HTML 13Page - PHOENIX CONTACT 7649 Datasheet HTML 14Page - PHOENIX CONTACT 7649 Datasheet HTML 15Page - PHOENIX CONTACT 7649 Datasheet HTML 16Page - PHOENIX CONTACT 7649 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IL PN BK DI8 DO4 2SCRJ-PAC
7649_en_04
PHOENIX CONTACT
13
8.2
Terminal point assignment of the Inline plugs
Figure 5
Terminal point assignment
Terminal point assignment of the power connector (1)
Terminal point assignment of the output connector (2)
Terminal point assignment of the input connector (3)
Terminal point assignment of the input connector (4)
9
Connection example
Figure 6
Connection example
10
Connection note
The bus coupler does not support auto negotiation. The bus
coupler is set to 100 Mbps and full duplex. If the
FL SWITCH MM HS switch is to be used with the
FL IF 2POF SCRJ-D plug-in module, please observe: that
communication can take place, configure the port on the
switch that is used for the bus coupler to 100 Mbps and full
duplex only.
Terminal
point
Assignment
Terminal
point
Assignment
1.1
U
S
2.1
U
M
1.2
U
BK
2.2
U
M
1.3
GND U
BK
2.3
GND U
M, US
1.4
Functional
earth ground
(FE)
2.4
Functional
earth ground
(FE)
NOTE: Malfunction
The module is designed exclusively for SELV
operation according to IEC 950/EN 60950/
VDE 0805.
For information on the power supplies, please
refer to the IL SYS INST UM E user manual.
Terminal points 1.3 and 2.3 on the plug can be
jumpered if the same reference potential is to
be used for the communications power and
the segment voltage.
Terminal
point
Assignment
Terminal
point
Assignment
1.1
OUT1
2.1
OUT2
1.2
GND
2.2
GND
1.3
FE
2.3
FE
1.4
OUT3
2.4
OUT4
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
1
2
3
4
1
2
3
4
PWR
1.1
1.2
1.2
1.3
1.4
1.4
2.1
2.1
2.3
2.3
2.4
2.4
2.2
2.2
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
1
2
3
4
1
2
3
4
O1
1.1
1.2
1.2
1.3
1.4
1.4
2.1
2.1
2.3
2.3
2.4
2.4
2.2
2.2
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
1
2
3
4
1
2
3
4
I1
1.1
1.2
1.2
1.3
1.4
1.4
2.1
2.1
2.3
2.3
2.4
2.4
2.2
2.2
3.1
3.2
3.3
3.4
4.1
4.2
4.3
4.4
1
2
3
4
1
2
3
4
I2
3.1
3.2
3.2
3.3
3.4
3.4
4.1
4.1
4.3
4.3
4.4
4.4
4.2
4.2
1
2
3
4
Terminal
point
Assignment
Terminal
point
Assignment
1.1IN1
2.1IN2
1.2
U
M
2.2
U
M
1.3GND
2.3GND
1.4IN3
2.4IN4
Terminal
point
Assignment
Terminal
point
Assignment
3.1IN5
4.1IN6
3.2
U
M
4.2
U
M
3.3GND
4.3GND
3.4IN7
4.4IN8
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
3.1
3.2
3.3
3.4
4.1
4.2
4.3
4.4
DO4
PWR
1 2 3
4
DI4 DI4
IN8
+24 V
+24 V
IN6
24 VDC
(U
BK)
+
-
24 VDC
(U )
M
24 VDC
(U
S)
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com