Electronic Components Datasheet Search
  English  ▼

X  

7649 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 7649
Description  PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7649 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  7649 Datasheet HTML 1Page - PHOENIX CONTACT 7649 Datasheet HTML 2Page - PHOENIX CONTACT 7649 Datasheet HTML 3Page - PHOENIX CONTACT 7649 Datasheet HTML 4Page - PHOENIX CONTACT 7649 Datasheet HTML 5Page - PHOENIX CONTACT 7649 Datasheet HTML 6Page - PHOENIX CONTACT 7649 Datasheet HTML 7Page - PHOENIX CONTACT 7649 Datasheet HTML 8Page - PHOENIX CONTACT 7649 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IL PN BK DI8 DO4 2SCRJ-PAC
7649_en_04
PHOENIX CONTACT
2
2Table of contents
1
Description .............................................................................................................................. 1
2
Table of contents ..................................................................................................................... 2
3
Ordering data .......................................................................................................................... 3
4
Technical data ......................................................................................................................... 4
5
Internal circuit diagram ............................................................................................................ 9
6
Local status and diagnostic indicators ................................................................................... 10
7
Diagnostic indicators for PROFINET ..................................................................................... 11
8
Connection of PROFINET, power supply, actuators, and sensors......................................... 12
9
Connection example.............................................................................................................. 13
10
Connection note .................................................................................................................... 13
11
Notes on using the terminal block in potentially explosive areas ........................................... 14
12
Mapping inputs and outputs to PROFINET ............................................................................ 15
13
Process data.......................................................................................................................... 15
14
Startup ................................................................................................................................... 15
15
Parameterization ................................................................................................................... 16
16
Firmware update.................................................................................................................... 17
17
Device replacement............................................................................................................... 17
18
Applicative system redundancy for process data................................................................... 17
19
Failsafe behavior ................................................................................................................... 17
20
Dynamic configuration on the local bus ................................................................................. 17
21
Byte rotation for 16 and 32-channel Inline terminals with a SIMATICR S7 controller............. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com