Electronic Components Datasheet Search
  English  ▼

X  

8235 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 8235
Description  Inline communication terminal for serial data transmission
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8235 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  8235 Datasheet HTML 1Page - PHOENIX CONTACT 8235 Datasheet HTML 2Page - PHOENIX CONTACT 8235 Datasheet HTML 3Page - PHOENIX CONTACT 8235 Datasheet HTML 4Page - PHOENIX CONTACT 8235 Datasheet HTML 5Page - PHOENIX CONTACT 8235 Datasheet HTML 6Page - PHOENIX CONTACT 8235 Datasheet HTML 7Page - PHOENIX CONTACT 8235 Datasheet HTML 8Page - PHOENIX CONTACT 8235 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
IB IL RS UNI(-2MBD)-PAC
8235_en_01
PHOENIX CONTACT
4
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
General data
Connection data
Name
Inline connectors
Connection method
Spring-cage connection
Conductor cross section solid / stranded
0.08 mm² ... 1.5 mm²
Conductor cross section [AWG]
28 ... 16
Interface Inline local bus
Connection method
Inline data jumper
Interface RS-232, RS-485, RS-422
Connection method
Spring-cage connection
Transmission physics
Copper
Transmission speed Inline local bus
IB IL RS UNI-PAC
500 kBit/s
IB IL RS UNI-2MBD-PAC
2 MBit/s
Power consumption
Main circuit supply U
M
24 V DC
I/O voltage range
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Current consumption from U
M
Typ. 15 mA
Current consumption from U
M
max. 25 mA
Communications power U
L
7.5 V (via voltage jumper)
Current consumption from U
L
Typ. 78 mA
Current consumption from U
L
max. 90 mA
Power loss
max. 1.2 W (Within the permissible operating temperature)
This terminal takes no current from the U
ANA und US potential jumpers.
Electrical isolation/isolation of the voltage areas
Serial interface/7.5 V supply (bus logic)
500 V AC , 50 Hz , 1 min
Serial interface/24 V supply U
M
500 V AC , 50 Hz , 1 min
Serial interface/functional earth ground
500 V AC , 50 Hz , 1 min
7.5 V supply (bus logics) / functional earth ground
500 V AC , 50 Hz , 1 min
24 V supply (U
M)/functional earth ground
500 V AC , 50 Hz , 1 min
Electrical isolation of the logic level from the serial interface is ensured by the DC/DC converter.
The serial interface control and data lines galvanically have the same potential. FE is a separate potential area.
Error messages to the higher level control or computer system
None
Approvals
For the latest approvals, please visit www.phoenixcontact.net/catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com