Electronic Components Datasheet Search
  English  ▼

X  

8235 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8235
Description  Inline communication terminal for serial data transmission
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8235 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8235 Datasheet HTML 14Page - PHOENIX CONTACT 8235 Datasheet HTML 15Page - PHOENIX CONTACT 8235 Datasheet HTML 16Page - PHOENIX CONTACT 8235 Datasheet HTML 17Page - PHOENIX CONTACT 8235 Datasheet HTML 18Page - PHOENIX CONTACT 8235 Datasheet HTML 19Page - PHOENIX CONTACT 8235 Datasheet HTML 20Page - PHOENIX CONTACT 8235 Datasheet HTML 21Page - PHOENIX CONTACT 8235 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
IB IL RS UNI(-2MBD)-PAC
8235_en_01
PHOENIX CONTACT
20
Byte 7 ... 9 (Uni1 ... Uni3: universal byte 1 ... 3)
These bytes can be used as universal bytes for direct specifi-
cation of the baud rate or the data width.
Direct specification of baud rate
If the provided baud rates do not correspond to the desired
baud rate, the baud rate can be directly specified. For this,
write the desired baud rate on the Uni1 to Uni3 fields in the
form of a numeric value. Transfer is right-aligned. However,
only the 2 lower bits of Uni1 are permitted.
The maximum value is 18 bits. The maximum value =
3FFFF
hex which corresponds to 262143 baud.
Direct specification of the data width
If the provided combinations of data width, parity and stop bits
are inadequate, they can be directly specified. Use the Uni1
byte. Bit 1 and bit 0 are reserved.
Example for direct specification of the baud rate:
–
Baud rate: 100000 baud
–
100000
dec = 01 86 A0hex
Byte 7
Byte 8
Byte 9
76
5432107
...
07
...
0
Data width
Baud rate
76
5
4
3
2
1
0
Parity
Enable parity
Stop
bits
Data bits
res.
res.
Parity
Code [bin]
Meaning
00
Odd
01
Even
10
Constantly at 1
11
Constantly at 0
Enable parity
Code [bin]
Meaning
0Disable
1Enable
Stop bits
Code [bin]
Meaning
01 stop bit
12 stop bits
Data bits
Code [bin]
Meaning
00
5 bits
01
6 bits
10
7 bits
11
8 bits
Word
0123456
Byte
11
23
45
67
89
10
11
12
13
OUT
40
hex
xx
hex
T/P
B/DB
res.
res.
ErrP
Uni1
Uni2
Uni3
res.
res.
Tv
Tn
OUT
40
hex
xx
hex
xx
Fx
hex
00
00
xx
01
86
A0
00
00
xx
xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com