Electronic Components Datasheet Search
  English  ▼

X  

8267 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8267
Description  Axioline F temperature module, 8 inputs for connection of thermocouple sensors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8267 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8267 Datasheet HTML 9Page - PHOENIX CONTACT 8267 Datasheet HTML 10Page - PHOENIX CONTACT 8267 Datasheet HTML 11Page - PHOENIX CONTACT 8267 Datasheet HTML 12Page - PHOENIX CONTACT 8267 Datasheet HTML 13Page - PHOENIX CONTACT 8267 Datasheet HTML 14Page - PHOENIX CONTACT 8267 Datasheet HTML 15Page - PHOENIX CONTACT 8267 Datasheet HTML 16Page - PHOENIX CONTACT 8267 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AXL F UTH8 1F
8267_en_04
PHOENIX CONTACT
13
5.11
Cycle times
5.12
Tolerances influenced by electromagnetic interference
The values determined apply for both shielded and un-
shielded twisted sensor cables. The maximum cable
lengths should be taken into consideration.
For all tested electromagnetic interferences (see table), the
measured values were within the maximum tolerances.
The values were determined under nominal conditions with
the following sensor settings and sensor circuits:
–
Thermocouple type K (NiCr-Ni) with internal cold junc-
tion compensation, filter = 120 ms
–
External RTD sensor type Pt 100 as sensor input, fil-
ter = 120 ms
–-100 mV ... +100 mV linear voltage signals, 1 µV/LSB
resolution, filter = 120 ms
Filter time
Channel conversion time for TC opera-
tion with internal compensation
120 ms
120 ms
100 ms
100 ms
60 ms
60 ms
40 ms
40 ms
Filter time
Typical scan repeat time for all eight
measuring channels
TC operation with internal cold junc-
tion compensation
120 ms
1430 ms
100 ms
1350 ms
60 ms
1180 ms
40 ms
1100 ms
Type of electromag-
netic interference
Standard
Level
Additional toler-
ances of measuring
range final value
Criterion
Electromagnetic fields
EN 61000-4-3/IEC 61000-4-3
10 V/m
None
A
Fast transients (burst)
EN 61000-4-4/IEC 61000-4-4
1.1 kV
None
A
Conducted interference
EN 61000-4-6/IEC 61000-4-6
150 kHz ... 80 MHz, 10 V, 80% (1 kHz)
None
A
No additional tolerances occur due to the in-
fluence of high-frequency interference
caused by wireless transmission systems in
the near vicinity.
The specifications refer to nominal operation.
The modules are directly exposed to interfer-
ence without the use of additional shielding
measures (e.g., steel cabinet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com