| Electronic Components Datasheet Search |
|
8267 Datasheet(PDF) 20 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
8267 Datasheet(HTML) 20 Page - PHOENIX CONTACT |
|
20 / 37 page ![]() AXL F UTH8 1F 8267_en_04 PHOENIX CONTACT 20 11 Local status and diagnostic indicators Figure 13 Local status and diagnostic indicators D UA E1 E2 30 32 34 36 31 33 35 37 20 22 24 26 21 23 25 27 10 12 14 16 11 13 15 17 00 02 04 06 01 03 05 07 Channel errors are errors that can be associ- ated with a channel. Periphery errors are errors that affect the en- tire module. Designa- tion Color Meaning State Description D Red/yel- low/green Diagnostics of local bus communication Run Green ON The device is ready for operation, communication within the station is OK. All data is valid. There are no faults. Active Green flashing The device is ready for operation, communication within the station is OK. The data is not valid. Valid data from the controller/higher-level net- work not available. There is no fault in the module. Device applica- tion not active Flashing green/yel- low The device is ready for operation, communication within the station is OK. Output data cannot be outputted and/or input data cannot be read. There is a fault on the periphery side of the module.. Ready Yellow ON The device is ready for operation but did not detect a valid cycle after power-on. Connected Yellow flashing The device is not (yet) part of the active configuration. Reset Red ON The device is ready for operation but has lost the connection to the bus head. Not connected Red flash- ing The device is ready for operation but there is no connection to the previously existing device. Power down OFF Device in (power) reset. UA Green U Analog ON Supply for analog modules U A present. OFF Supply for analog modules U A not present. E1 Red Supply voltage error ON Supply for analog modules U A is faulty. OFF Supply for analog modules U A is OK. E2 Red Error ON I/O or channel error has occurred. OFF No error |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |