Electronic Components Datasheet Search
  English  ▼

X  

UPD780208 Datasheet(PDF) 63 Page - NEC

Part # UPD780208
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780208 Datasheet(HTML) 63 Page - NEC

Back Button UPD780208 Datasheet HTML 59Page - NEC UPD780208 Datasheet HTML 60Page - NEC UPD780208 Datasheet HTML 61Page - NEC UPD780208 Datasheet HTML 62Page - NEC UPD780208 Datasheet HTML 63Page - NEC UPD780208 Datasheet HTML 64Page - NEC UPD780208 Datasheet HTML 65Page - NEC UPD780208 Datasheet HTML 66Page - NEC UPD780208 Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 472 page
background image
63
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
(a) Interrupt enable flag (IE)
This flag controls the interrupt request acknowledge operations of the CPU.
When 0, the IE is set to interrupt disabled (DI) status. All interrupts except non-maskable interrupt
are disabled.
When 1, the IE is set to interrupt enabled (EI) status and interrupt request acknowledge is control-
led with an in-service priority flag (ISP), an interrupt mask flag for various interrupt sources, and a
priority specification flag.
The IE is reset to (0) upon DI instruction execution or interrupt request acknowledgement and is
set to (1) upon EI instruction execution.
(b) Zero flag (Z)
When the operation result is zero, this flag is set (1). It is reset (0) in all other cases.
(c) Register bank select flags (RBS0 and RBS1)
These are 2-bit flags to select one of the four register banks.
In these flags, the 2-bit information which indicates the register bank selected by SEL RBn instruc-
tion execution is stored.
(d) Auxiliary carry flag (AC)
If the operation result has a carry from bit 3 or a borrow at bit 3, this flag is set (1). It is reset (0) in
all other cases.
(e) In-service priority flag (ISP)
This flag manages the priority of acknowledge able maskable vectored interrupts. When 0,
acknowledgment of the vectored interrupt request specified to low-order priority with the priority
specify flag registers (PR0L, PR0H, and PR1L) is disabled. Whether an actual interrupt request is
acknowledged or not is controlled with the interrupt enable flag (IE).
(f) Carry flag (CY)
This flag stores overflow and underflow upon add/subtract instruction execution. It stores the shift-
out value upon rotate instruction execution and functions as a bit accumulator during bit manipula-
tion instruction execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com