Electronic Components Datasheet Search
  English  ▼

X  

UPD780208 Datasheet(PDF) 64 Page - NEC

Part # UPD780208
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780208 Datasheet(HTML) 64 Page - NEC

Back Button UPD780208 Datasheet HTML 60Page - NEC UPD780208 Datasheet HTML 61Page - NEC UPD780208 Datasheet HTML 62Page - NEC UPD780208 Datasheet HTML 63Page - NEC UPD780208 Datasheet HTML 64Page - NEC UPD780208 Datasheet HTML 65Page - NEC UPD780208 Datasheet HTML 66Page - NEC UPD780208 Datasheet HTML 67Page - NEC UPD780208 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 472 page
background image
64
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
(3)
Stack pointer (SP)
This is a 16-bit register to hold the start address of the memory stack area. Only the internal high-
speed RAM area can be set as the stack area.
Figure 3-11:
Stack Pointer Configuration
The SP is decremented ahead of write (save) to the stack memory and is incremented after read
(reset) from the stack memory.
Each stack operation saves/resets data as shown in Figures 3-12 and 3-13.
Caution:
Since RESET input makes SP contents indeterminate, be sure to initialize the SP
before instruction execution.
Figure 3-12:
Data to be Saved to Stack Memory
Figure 3-13:
Data to be Reset to Stack Memory
SP
15
0
Interrupt and
BRK Instruction
PSW
PC15 to PC8
PC15 to PC8
PC7 to PC0
Register Pair Lower
SP
SP _ 2
SP _ 2
Register Pair Upper
CALL, CALLF, and
CALLT Instruction
PUSH rp Instruction
SP _ 1
SP
SP
SP _ 2
SP _ 2
SP _ 1
SP
PC7 to PC0
SP _ 3
SP _ 2
SP _ 1
SP
SP
SP _ 3
RETI and RETB
Instruction
PSW
PC15 to PC8
PC15 to PC8
PC7 to PC0
Register Pair Lower
SP
SP + 2
SP
Register Pair Upper
RET Instruction
POP rp Instruction
SP + 1
PC7 to PC0
SP
SP + 2
SP
SP + 1
SP + 2
SP
SP + 1
SP
SP + 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com