Electronic Components Datasheet Search
  English  ▼

X  

8441 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8441
Description  AXL E PN DI8 DO8 M12 6M
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8441 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8441 Datasheet HTML 1Page - PHOENIX CONTACT 8441 Datasheet HTML 2Page - PHOENIX CONTACT 8441 Datasheet HTML 3Page - PHOENIX CONTACT 8441 Datasheet HTML 4Page - PHOENIX CONTACT 8441 Datasheet HTML 5Page - PHOENIX CONTACT 8441 Datasheet HTML 6Page - PHOENIX CONTACT 8441 Datasheet HTML 7Page - PHOENIX CONTACT 8441 Datasheet HTML 8Page - PHOENIX CONTACT 8441 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1Description
Axioline E PROFINET device, metal housing,
8 inputs, 8 outputs, 24 V DC,
M12 fast connection technology
AXL E PN DI8 DO8 M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within a
PROFINET network.
It is used to acquire and output digital signals.
The device is designed for use in systems manufacturing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions.
The Axioline E device can be used on tool platforms, directly
on welding robots or in conveying technology, for example.
PROFINET features
–
Connection to PROFINET network
using M12 connectors (D-coded)
–
2 Ethernet ports (with integrated switch)
–
Transmission speed 100 Mbps
–
PROFINET RT (RTC 1) supported
with minimum cycle time of 1 ms
–
Supported protocols: SNMP, LLDP, MRP, DCP
–PROFINET features:
FSU, shared device, MRP client, I&M functions 0 - 4
–
Specification:
–
Mapping in accordance with PROFINET
specification v2.2
–
Mapping as PROFINET IO device
(conformance class B)
–
Device description using GSDML file
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
Abbreviations used
–FSU: Fast Start Up
–
MRP: Media Redundancy Protocol
–
I&M: Identification & Maintenance
8441_en_04
2015-10-15


Similar Part No. - 8441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8441 ETC2-8441 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
logo
Belden Inc.
8441 BELDEN-8441 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-010100 BELDEN-8441-010100 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-0101000 BELDEN-8441-0101000 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-010500 BELDEN-8441-010500 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8420 PHOENIX-8420 Datasheet
336Kb / 28P
AXL E EIP DI8 DO8 M12 6M
8430 PHOENIX-8430 Datasheet
294Kb / 17P
AXL E PB DI8 DO8 M12 6M
8444 PHOENIX-8444 Datasheet
302Kb / 18P
AXL E PN DI8 DO4 2A M12 6M
8446 PHOENIX-8446 Datasheet
303Kb / 18P
AXL E PN DI8 DO8 M12 6P
8535 PHOENIX-8535 Datasheet
339Kb / 25P
AXL E EC DI8 DO8 M12 6M
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
8555 PHOENIX-8555 Datasheet
325Kb / 23P
AXL E S3 DI8 DO8 M12 6M
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
2701509 PHOENIX-2701509 Datasheet
1Mb / 31P
Digital module - AXL E PN DI8 DO8 M12 6P
Dec 9, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com