Electronic Components Datasheet Search
  English  ▼

X  

8441 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8441
Description  AXL E PN DI8 DO8 M12 6M
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8441 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8441 Datasheet HTML 9Page - PHOENIX CONTACT 8441 Datasheet HTML 10Page - PHOENIX CONTACT 8441 Datasheet HTML 11Page - PHOENIX CONTACT 8441 Datasheet HTML 12Page - PHOENIX CONTACT 8441 Datasheet HTML 13Page - PHOENIX CONTACT 8441 Datasheet HTML 14Page - PHOENIX CONTACT 8441 Datasheet HTML 15Page - PHOENIX CONTACT 8441 Datasheet HTML 16Page - PHOENIX CONTACT 8441 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AXL E PN DI8 DO8 M12 6M
8441_en_04
PHOENIX CONTACT
13
10
PROFINET IO Device
The Axioline E PROFINET device operates as a PROFINET IO device based on PROFINET specification v2.2.
Slot 1 always contains the “Status module” with 4 bytes of IN process data. Slot 2 contains the IO module, which contains the
process data and startup parameters.
10.1
Status module
The status module cyclically provides the following diagnostics options via process data:
10.2
IO module
Assignment of the terminal points to the IN process data
The I/O data are mapped as follows:
Key:
Assignment of the terminal points to the OUT process data
The I/O data are mapped as follows:
Key:
Bit 31 ... bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Supply of the module electronics and sensors (U
S) Supply of the actuators (UA)Outputs
Reserved
Undervoltage
Overload
Undervoltage
Short-circuit
Overload
Short-circuit
Input process data
Byte
Byte 0
Bit
7
6
543210
IN
07
06
05
04
03
02
01
00
Connection
X04
X03
X02
X01
Pin
2
4
242424
DI
87
654321
Bit:
Process data assignment
IN:
LED marking
DI:
Device input
Output process data
Byte
Byte 0
Bit
7
6
543210
OUT
0706050403
02
0100
Connection
X08
X07
X06
X05
Pin
2
4
242424
DO
87
654321
Bit:
Process data assignment
OUT:
LED marking
DO:
Device output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com