Electronic Components Datasheet Search
  English  ▼

X  

8535 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8535
Description  AXL E EC DI8 DO8 M12 6M
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8535 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8535 Datasheet HTML 1Page - PHOENIX CONTACT 8535 Datasheet HTML 2Page - PHOENIX CONTACT 8535 Datasheet HTML 3Page - PHOENIX CONTACT 8535 Datasheet HTML 4Page - PHOENIX CONTACT 8535 Datasheet HTML 5Page - PHOENIX CONTACT 8535 Datasheet HTML 6Page - PHOENIX CONTACT 8535 Datasheet HTML 7Page - PHOENIX CONTACT 8535 Datasheet HTML 8Page - PHOENIX CONTACT 8535 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1Description
Axioline E EtherCAT
®
device, metal housing,
8 inputs, 8 outputs, 24 V DC,
M12 fast connection technology
AXL E EC DI8 DO8 M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an
EtherCAT
®
network. It is used to acquire and output digital
signals. The device is designed for use in systems manufac-
turing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions. The Axioline E device can be used on
tool platforms, directly on welding robots or in conveying
technology, for example.
EtherCAT
®
is a registered trademark and patented technol-
ogy, licensed by Beckhoff Auotmation GmbH, Germany.
EtherCAT
®
features
–2 Ethernet-Ports
–
Automatic addressing
–
Identification:
–
Rotary coding switch for assigning
the ID for the “Explicit Device ID” mechanism
–
Configured Second Station Alias
–Hot Connect
–
Acyclic data communication
(CoE and FoE mailbox protocols)
–
Supports the EtherCAT
®
cycle time of min. 100 µs
–
Supports distributed clocks (jitter << 1 μs)
–
Specification: ETG.1000 V1.02
–
Device description by means of ESI
–Firmware can be updated
Axioline E features
–
Connection to EtherCAT
®
network
using M12 connectors (D-coded)
–
Transmission speed 100 Mbps
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
Abbreviations used
–
CoE: CAN application layer over EtherCAT
®
–
DC: distributed clocks
–
FoE: file access over EtherCAT
®
8535_en_03
2015-09-10


Similar Part No. - 8535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
logo
Renesas Technology Corp
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
logo
Molex Electronics Ltd.
85351-0006 MOLEX9-85351-0006 Datasheet
214Kb / 5P
EMILY??Power Board Connector
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
LVPECL Clock Buffer
logo
Renesas Technology Corp
85352 RENESAS-85352 Datasheet
817Kb / 21P
12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer
December 1, 2015
More results

Similar Description - 8535

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8420 PHOENIX-8420 Datasheet
336Kb / 28P
AXL E EIP DI8 DO8 M12 6M
8430 PHOENIX-8430 Datasheet
294Kb / 17P
AXL E PB DI8 DO8 M12 6M
8441 PHOENIX-8441 Datasheet
305Kb / 18P
AXL E PN DI8 DO8 M12 6M
8538 PHOENIX-8538 Datasheet
334Kb / 25P
AXL E EC DI8 DO4 2A M12 6M
8540 PHOENIX-8540 Datasheet
338Kb / 25P
AXL E EC DI8 DO8 M12 6P
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
8555 PHOENIX-8555 Datasheet
325Kb / 23P
AXL E S3 DI8 DO8 M12 6M
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2701520 PHOENIX-2701520 Datasheet
1Mb / 31P
Digital module - AXL E EC DI8 DO8 M12 6P
Dec 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com