Electronic Components Datasheet Search
  English  ▼

X  

8535 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8535
Description  AXL E EC DI8 DO8 M12 6M
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8535 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8535 Datasheet HTML 16Page - PHOENIX CONTACT 8535 Datasheet HTML 17Page - PHOENIX CONTACT 8535 Datasheet HTML 18Page - PHOENIX CONTACT 8535 Datasheet HTML 19Page - PHOENIX CONTACT 8535 Datasheet HTML 20Page - PHOENIX CONTACT 8535 Datasheet HTML 21Page - PHOENIX CONTACT 8535 Datasheet HTML 22Page - PHOENIX CONTACT 8535 Datasheet HTML 23Page - PHOENIX CONTACT 8535 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AXL E EC DI8 DO8 M12 6M
8535_en_03
PHOENIX CONTACT
20
13
EtherCAT
®
State Machine: AL Objects
The device has a state machine, called the EtherCAT
®
State Machine (ESM).
The EtherCAT
®
master sends state change requests to the AL control register of the slave. The slave displays the current
state in the AL status register and make additional error codes available in the AL status code register in the event of errors.
13.1
AL control and AL status register
If the master writes to the AL control register, then the corresponding state transition is triggered in the device state machine
by the slave. The AL status register reflects the current state of the slave.
Index
(hex)
Object
name
Data type
Rights
Meaning/value
0120
AL Control UINT16
R/W
Bit 0 ... bit 3
State (AL status requested by master)
01
hex = Init (I)
02
hex = Pre-Operational (P)
03
hex = Bootstrap (B)
04
hex = Safe-Operational (S)
08
hex = Operational (O)
Bit 4
Acknowledge (Master acknowledge bit)
00
hex = Parameter Change of the AL Status Register will be un-
changed.
01
hex = Parameter Change of the AL Status Register will be re-
set.
Bit 5 ... bit 7
Reserved
00
hex = Shall be zero
0130
AL Status
UINT16
RO
Bit 0 ... bit 3
AL Status (AL status requested by master)
01
hex = Init (I)
02
hex = Pre-Operational (P)
03
hex = Bootstrap (B)
04
hex = Safe-Operational (S)
08
hex = Operational (O)
Bit 4
Change (Error Flag, Master acknowledge bit)
00
hex = Confirmation of state in AL Control Register
01
hex = A change has happened or an error occurred.
Bit 5 ... bit 7
Reserved
Bit 8 ... bit 15
Application Specific
Reserved
0134
AL Status
Code
UINT16
RO
Bit 0 ... bit 15
All Status Code (send by slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com