Electronic Components Datasheet Search
  English  ▼

X  

8541 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8541
Description  AXL E EC DI16 M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8541 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8541 Datasheet HTML 1Page - PHOENIX CONTACT 8541 Datasheet HTML 2Page - PHOENIX CONTACT 8541 Datasheet HTML 3Page - PHOENIX CONTACT 8541 Datasheet HTML 4Page - PHOENIX CONTACT 8541 Datasheet HTML 5Page - PHOENIX CONTACT 8541 Datasheet HTML 6Page - PHOENIX CONTACT 8541 Datasheet HTML 7Page - PHOENIX CONTACT 8541 Datasheet HTML 8Page - PHOENIX CONTACT 8541 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1Description
Axioline E EtherCAT
®
device, plastic housing,
16 inputs, 24 V DC,
M12 fast connection technology
AXL E EC DI16 M12 6P
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an
EtherCAT
®
network.
It is used to acquire digital signals.
EtherCAT
®
is a registered trademark and patented technol-
ogy, licensed by Beckhoff Auotmation GmbH, Germany.
Abbreviations used
–
CoE: CAN application layer over EtherCAT
®
–
DC: distributed clocks
–
FoE: file access over EtherCAT
®
EtherCAT
®
features
–2 Ethernet-Ports
–
Automatic addressing
–
Identification:
–
Rotary coding switch for assigning
the ID for the “Explicit Device ID” mechanism
–
Configured Second Station Alias
–Hot Connect
–
Acyclic data communication
(CoE and FoE mailbox protocols)
–
Supports the EtherCAT
®
cycle time of min. 100 µs
–
Supports distributed clocks (jitter << 1 μs)
–
Specification: ETG.1000 V1.02
–
Device description by means of ESI
–Firmware can be updated
Axioline E features
–
Connection to EtherCAT
®
network
using M12 connectors (D-coded)
–
Transmission speed 100 Mbps
–
Connection of digital sensors
using M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8541_en_03
2015-09-10


Similar Part No. - 8541

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8541 GILWAY-8541 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Filtran LTD
8541 FILTRAN-8541 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
NorComp
854103M-DC-M10 NORCOMP-854103M-DC-M10 Datasheet
55Kb / 1P
M10X0.75 FEMALE THREAD DUST CAP W/ CHAIN
Rev.00 09/15/2021
logo
Integrated Device Techn...
854104AGILF IDT-854104AGILF Datasheet
321Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
854104AGILFT IDT-854104AGILFT Datasheet
321Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
More results

Similar Description - 8541

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701493 PHOENIX-2701493 Datasheet
327Kb / 26P
AXL E EIP DI16 M12 6P
8436 PHOENIX-8436 Datasheet
281Kb / 15P
AXL E PB DI16 M12 6P
8447 PHOENIX-8447 Datasheet
297Kb / 17P
AXL E PN DI16 M12 6P
8536 PHOENIX-8536 Datasheet
324Kb / 23P
AXL E EC DI16 M12 6M
8540 PHOENIX-8540 Datasheet
338Kb / 25P
AXL E EC DI8 DO8 M12 6P
8542 PHOENIX-8542 Datasheet
339Kb / 25P
AXL E EC DIO16 M12 6P
8551 PHOENIX-8551 Datasheet
299Kb / 18P
AXL E ETH DI16 M12 6P
8561 PHOENIX-8561 Datasheet
315Kb / 22P
AXL E S3 DI16 M12 6P
2701510 PHOENIX-2701510 Datasheet
1Mb / 31P
Digital module - AXL E PN DI16 M12 6P
Dec 9, 2022
2701521 PHOENIX-2701521 Datasheet
1Mb / 31P
Digital module - AXL E EC DI16 M12 6P
Dec 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com