Electronic Components Datasheet Search
  English  ▼

X  

8552 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8552
Description  AXL E ETH DIO16 M12 6P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8552 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8552 Datasheet HTML 1Page - PHOENIX CONTACT 8552 Datasheet HTML 2Page - PHOENIX CONTACT 8552 Datasheet HTML 3Page - PHOENIX CONTACT 8552 Datasheet HTML 4Page - PHOENIX CONTACT 8552 Datasheet HTML 5Page - PHOENIX CONTACT 8552 Datasheet HTML 6Page - PHOENIX CONTACT 8552 Datasheet HTML 7Page - PHOENIX CONTACT 8552 Datasheet HTML 8Page - PHOENIX CONTACT 8552 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1Description
Axioline E Ethernet device, plastic housing,
16 freely configurable inputs or outputs,
24 V DC, M12 fast connection technology
AXL E ETH DIO16 M12 6P
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an Ethernet
network (Modbus/TCP).
It is used to acquire and output digital signals.
Ethernet features
–
2 Ethernet ports (with integrated switch)
–
Supported protocols:
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
–
Specification: Modbus application protocol V1.1b
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection to Ethernet network (Modbus/TCP)
using M12 connectors (D-coded)
–
Transmission speed of 10 Mbps and 100 Mbps
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
By default upon delivery, the process data watchdog is deactivated.
8552_en_03
2016-02-08


Similar Part No. - 8552

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855271 TRIQUINT-855271 Datasheet
575Kb / 5P
479.75 MHz SAW Filter
855272 TRIQUINT-855272 Datasheet
608Kb / 5P
479.75 MHz SAW Filter
855272 TRIQUINT-855272_15 Datasheet
609Kb / 5P
479.75 MHz SAW Filter
logo
ITT Industries
8552J82AVBD1 ITT-8552J82AVBD1 Datasheet
585Kb / 5P
Subminiature Pushbutton Switches
8552J82AVBD12 ITT-8552J82AVBD12 Datasheet
585Kb / 5P
Subminiature Pushbutton Switches
More results

Similar Description - 8552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701494 PHOENIX-2701494 Datasheet
346Kb / 29P
AXL E EIP DIO16 M12 6P
8437 PHOENIX-8437 Datasheet
293Kb / 17P
AXL E PB DIO16 M12 6P
8448 PHOENIX-8448 Datasheet
308Kb / 19P
AXL E PN DIO16 M12 6P
8542 PHOENIX-8542 Datasheet
339Kb / 25P
AXL E EC DIO16 M12 6P
8547 PHOENIX-8547 Datasheet
324Kb / 22P
AXL E ETH DIO16 M12 6M
8550 PHOENIX-8550 Datasheet
323Kb / 22P
AXL E ETH DI8 DO8 M12 6P
8551 PHOENIX-8551 Datasheet
299Kb / 18P
AXL E ETH DI16 M12 6P
8562 PHOENIX-8562 Datasheet
324Kb / 23P
AXL E S3 DIO16 M12 6P
2701511 PHOENIX-2701511 Datasheet
1Mb / 31P
Digital module - AXL E PN DIO16 M12 6P
Dec 9, 2022
2701534 PHOENIX-2701534 Datasheet
1Mb / 31P
Digital module - AXL E ETH DIO16 M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com