Electronic Components Datasheet Search
  English  ▼

X  

8552 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8552
Description  AXL E ETH DIO16 M12 6P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8552 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8552 Datasheet HTML 14Page - PHOENIX CONTACT 8552 Datasheet HTML 15Page - PHOENIX CONTACT 8552 Datasheet HTML 16Page - PHOENIX CONTACT 8552 Datasheet HTML 17Page - PHOENIX CONTACT 8552 Datasheet HTML 18Page - PHOENIX CONTACT 8552 Datasheet HTML 19Page - PHOENIX CONTACT 8552 Datasheet HTML 20Page - PHOENIX CONTACT 8552 Datasheet HTML 21Page - PHOENIX CONTACT 8552 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AXL E ETH DIO16 M12 6P
8552_en_03
PHOENIX CONTACT
20
13.13
Figure of process data on Modbus registers 8000 and 9000
Key:
Key:
13.14
Configuration of digital inputs and outputs
A channel, whether an input or an output, is configured by using the IN or OUT process data according to the channel func-
tion. Parameterization is not necessary.
Process data input word 8000
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
IN
07
06
05
04
03
02
01
00
17
16
15
14
13
12
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DI
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
IN:
LED marking
DI:
Device input
Process data output word 9000
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
OUT
070605
0403020100
1716
15141312
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DO
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
OUT:
LED marking
DO:
Device input
If the channel is used as an output, the status of the channel is also mapped to the IN process data.
This can be useful, e.g., for diagnostic purposes.
If the channel is used as an input, the channel cannot simultaneously be used as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com