Electronic Components Datasheet Search
  English  ▼

X  

2PD2150 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 2PD2150
Description  20 V, 3 A NPN low VCEsat transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD2150 Datasheet(HTML) 5 Page - NXP Semiconductors

  2PD2150 Datasheet HTML 1Page - NXP Semiconductors 2PD2150 Datasheet HTML 2Page - NXP Semiconductors 2PD2150 Datasheet HTML 3Page - NXP Semiconductors 2PD2150 Datasheet HTML 4Page - NXP Semiconductors 2PD2150 Datasheet HTML 5Page - NXP Semiconductors 2PD2150 Datasheet HTML 6Page - NXP Semiconductors 2PD2150 Datasheet HTML 7Page - NXP Semiconductors 2PD2150 Datasheet HTML 8Page - NXP Semiconductors 2PD2150 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9397 750 14987
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2005
5 of 11
Philips Semiconductors
2PD2150
20 V, 3 A NPN low VCEsat (BISS) transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE =0A
-
-
0.1
µA
VCB =30V; IE =0A;
Tj = 150 °C
--
10
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
0.1
µA
hFE
DC current gain
VCE =2V; IC = 0.1 A
180
-
390
VCEsat
collector-emitter
saturation voltage
IC = 2 A; IB = 100 mA
-
-
0.5
V
VBEon
base-emitter turn-on
voltage
VCE =10V; IC =5mA
[1] -
-
0.7
V
VCE =1V; IC =1A
[1] --
1
V
fT
transition frequency
IC = 500 mA; VCE =2V;
f = 100 MHz
-
220
-
MHz
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-20
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com