Electronic Components Datasheet Search
  English  ▼

X  

8284 Datasheet(PDF) 2 Page - AVX Corporation

Part # 8284
Description  Single Row IDC Header
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8284 Datasheet(HTML) 2 Page - AVX Corporation

  8284 Datasheet HTML 1Page - AVX Corporation 8284 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9
No. of Positions
AB
C
D
E
F
8
7
17.78 (0.70)
21.30 (0.84)
18.54 (0.72)
19.30 (0.76)
23.70 (0.93)
14
13
33.02 (1.18)
36.54 (1.45)
33.78 (1.33)
34.54 (1.36)
38.94 (1.53)
16
15
38.10 (1.50)
42.22 (1.66)
38.86 (1.53)
39.62 (1.56)
44.02 (1.73)
18
17
43.18 (1.70)
46.70 (1.84)
43.94 (1.73)
44.70 (1.76)
49.10 (1.93)
20
19
48.26 (1.90)
52.38 (2.06)
49.02 (1.93)
49.78 (1.96)
54.18 (2.13)
24
23
58.42 (2.30)
61.94 (2.44)
59.18 (2.33)
59.94 (2.36)
64.34 (2.53)
Single Row IDC Socket
Series 8284
IDC header/socket for 0.100" (2.54mm) pitch IDC for
0.100" (2.54mm) round conductor flat cable uses similar
8289/8290 contact components recognized under UL &
CSA specifications, but housed in a single row insulator
format. The header is a 1-piece insulator with right angle,
straight solder or press-fit terminations. The socket is
a 2-piece insulator design with IDC contacts suitable for
termination to 26/28 AWG stranded ribbon cable or dip
solder terminations.
20
Connector Code
Prefix
20 = Socket Connector
8284
Series Number
014
Number of
Contacts
008 = 8 position
014 = 14 position
016 = 16 position
018 = 18 position
020 = 20 position
024 = 24 position
000
Contact Variation
000 = Standard IDC
contact 26/28
AWG
030
Plating Variation
030 = Tin plating,
10 cycles
040 = Gold plating,
50 cycles
ORDERING CODE
DIMENSIONS: millimeters (inches)
SOCKET
Material:
Molding - UL94VO rated grey polyester
Contact - Phosphor bronze
Current Rating:
1.5 Amp maximum at 25ºC
1 Amp maximum at 70ºC
Insulation Resistance:
1000 megohms
Dielectric Withstanding Voltage:
1050V DC or AC peak
Voltage Rating:
350V DC or AC peak
Contact Resistance:
20 milliohms maximum
Operating Temperature:
-55ºC to +125ºC
Mechanical Endurance:
Standard tin plating - 10 cycles
Insertion/Withdrawal Forces:
2.7N max insertion force per contact
0.2N min withdrawal force per contact
TECHNICAL SPECIFICATION
Not all versions are available, please check
with AVX Customer Service for availability.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com