Electronic Components Datasheet Search
  English  ▼

X  

8284 Datasheet(PDF) 1 Page - AVX Corporation

Part # 8284
Description  Single Row IDC Header
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8284 Datasheet(HTML) 1 Page - AVX Corporation

  8284 Datasheet HTML 1Page - AVX Corporation 8284 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
Single Row IDC Header
Series 8284
IDC header/socket for 0.100" (2.54mm) pitch IDC for
0.100" (2.54mm) round conductor flat cable uses similar
8289/8290 contact components recognized under UL &
CSA specifications, but housed in a single row insulator
format. The header is a 1-piece insulator with right angle,
straight solder or press-fit terminations. The socket
is a 2-piece insulator design with IDC contacts suitable for
termination to 26/28 AWG stranded ribbon cable or dip
solder terminations.
Material:
Molding - UL94VO rated grey polyester
Contact - Brass
Current Rating:
1.5 Amp maximum at 25ºC
1 Amp maximum at 70ºC
Insulation Resistance:
1000 megohms
Dielectric Withstanding Voltage:
1050V DC or AC peak
Voltage Rating:
350V DC or AC peak
Contact Resistance:
20 milliohms maximum
Operating Temperature:
-55ºC to +125ºC
Mechanical Endurance:
Standard tin plating - 10 cycles
Insertion/Withdrawal Forces:
2.7N max insertion force per contact
0.2N min withdrawal force per contact
10
Connector Code
Prefix
10 = Header Connector
8284
Series Number
014
Number of
Contacts
008 = 8 position
014 = 14 position
016 = 16 position
018 = 18 position
020 = 20 position
024 = 24 position
000
Contact Variation
000 = 0.110" (2.8mm)
Straight PC Tail
001 = 0.146" (3.7mm)
Straight PC Tail
002 = 0.110" (2.8mm)
R.A. PC Tail
003 = 0.146" (3.7mm)
R.A. PC Tail
009 = 0.209" (4.5mm)
Straight PF Tail
030
Plating Variation
030 = Tin plating,
10 cycles
040 = Gold plating,
50 cycles
ORDERING CODE
DIMENSIONS: millimeters (inches)
No. of Positions
AB
C
D
E
F
G
8
7
17.78 (0.70)
21.30 (0.84)
18.54 (0.73)
19.30 (0.76)
23.70 (0.93)
17.54 (0.69)
14
13
33.02 (1.30)
36.54 (1.44)
33.78 (1.33)
34.54 (1.36)
38.94 (1.53)
32.78 (1.29)
16
15
38.10 (1.50)
42.22 (1.66)
38.86 (1.53)
39.62 (1.56)
44.02 (1.73)
37.86 (1.49)
18
17
43.18 (1.70)
46.70 (1.84)
43.94 (1.73)
44.70 (1.76)
49.10 (1.93)
42.94 (1.69)
20
19
48.26 (1.90)
52.38 (2.06)
49.02 (1.93)
49.78 (1.96)
54.18 (2.13)
48.02 (1.89)
24
23
58.42 (2.30)
61.94 (2.44)
59.18 (2.33)
59.94 (2.36)
64.34 (2.53)
58.18 (2.29)
HEADER
TECHNICAL SPECIFICATION
Not all versions are available, please check
with AVX Customer Service for availability.


Similar Part No. - 8284

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8284 ALLEGRO-8284 Datasheet
177Kb / 8P
TWO-OUTPUT LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
December 22, 2000
logo
Belden Inc.
82841 BELDEN-82841 Datasheet
242Kb / 3P
RS-485, #24-1pr, FFEP, O/A FoilBraid, LS-PVC Jkt, CMP, 120廓
logo
List of Unclassifed Man...
8284100300 ETC2-8284100300 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Belden Inc.
828418771000 BELDEN-828418771000 Datasheet
242Kb / 3P
RS-485, #24-1pr, FFEP, O/A FoilBraid, LS-PVC Jkt, CMP, 120廓
82841877500 BELDEN-82841877500 Datasheet
242Kb / 3P
RS-485, #24-1pr, FFEP, O/A FoilBraid, LS-PVC Jkt, CMP, 120廓
More results

Similar Description - 8284

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A04 DBLECTRO-A04 Datasheet
221Kb / 1P
IDC SOCKET SINGLE ROW
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
IDC IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
IDC BOX HEADER STRAIGHT
logo
Samtec, Inc
STMM-120-02-S-D-SM-LC SAMTEC-STMM-120-02-S-D-SM-LC Datasheet
764Kb / 1P
SHROUDED IDC HEADER & STACKER
logo
Dubilier
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
IDC IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1_11 Datasheet
452Kb / 5P
IDC BOX HEADER STRAIGHT
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
IDC Box Header, SMD
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
IDC BOX HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com