Electronic Components Datasheet Search
  English  ▼

X  

8293 Datasheet(PDF) 2 Page - AVX Corporation

Part # 8293
Description  Male Plug Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8293 Datasheet(HTML) 2 Page - AVX Corporation

  8293 Datasheet HTML 1Page - AVX Corporation 8293 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17
10
Connector Code
Prefix
10 = Standard
Connector
Assembly with
mounting flange
11 = Standard
Connector
Assembly
without
mounting flange
8293
Series Number
026
Number of
Contacts
010 = 10 position
014 = 14 position
016 = 16 position
020 = 20 position
026 = 26 position
034 = 34 position
040 = 40 position
050 = 50 position
060 = 60 position
064 = 64 position
000
Assembly Variation
000 = Connector
without strain
relief
001 = Connector
with strain relief
01
Plating Variation
01 = Standard 30µ"
Gold over
Nickel
04 = 10µ" Gold over
Nickel
0
Polarization Variation
0 = No Polarizing
2 = Dual Height Type A
ORDERING CODE
Male Plug Connector
Series 8293
Strain Relief Order Code
10 position
60 8293 3310 00 000
14 position
60 8293 3314 00 000
16 position
60 8293 3316 00 000
20 position
60 8293 3320 00 000
26 position
60 8293 3326 00 000
34 position
60 8293 3334 00 000
40 position
60 8293 3340 00 000
50 position
60 8293 3350 00 000
60 position
60 8293 3360 00 000
64 position
60 8293 3364 00 000
POLARIZING KEYS
Order Code: 90 2118 7000 00 000
Not all versions are available, please check
with AVX Customer Service for availability.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com