Electronic Components Datasheet Search
  English  ▼

X  

8293 Datasheet(PDF) 1 Page - AVX Corporation

Part # 8293
Description  Male Plug Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8293 Datasheet(HTML) 1 Page - AVX Corporation

  8293 Datasheet HTML 1Page - AVX Corporation 8293 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
No. of Ways
AB
C
D
E
10
22.89 (0.901)
4
10.16 (0.400)
30.48 (1.200)
38.10 (1.500)
14
27.97 (1.101)
6
15.24 (0.600)
35.56 (1.400)
43.18 (1.700)
16
30.51 (1.201)
7
17.78 (0.700)
38.10 (1.500)
45.72 (1.800)
20
35.59 (1.401)
9
22.86 (0.900)
43.18 (1.700)
50.80 (2.000)
26
43.21 (1.701)
12
30.48 (1.200)
50.80 (2.000)
56.59 (2.228)
34
53.37 (2.101)
16
40.64 (1.600)
60.96 (2.400)
68.58 (2.700)
40
60.99 (2.401)
19
48.26 (1.900)
68.58 (2.700)
76.20 (3.000)
50
73.69 (2.091)
24
60.96 (2.400)
81.28 (3.200)
88.90 (3.500)
60
86.39 (3.401)
29
73.66 (2.900)
93.98 (3.700)
101.60 (4.000)
64
91.47 (3.601)
31
78.74 (3.100)
98.74 (3.900)
106.68 (4.200)
Male Plug Connector
Series 8293
Series 8293 IDC male plug connectors are available in
industry standard sizes of 10 to 64 positions. They mate
with Series 8290 IDC sockets as well as other industry
compatible connectors. The housing gives full protection
to contact pins, and has the optional facility of fitting dual
height polarizing keys to prevent incorrect insertion of the
mating socket.
Material:
Molding - UL94VO rated glass filled grey
polyester
Contact - Phosphor bronze
Contact Plating:
Gold over nickel
Current Rating:
1 ampere at 70ºC maximum ambient
Voltage Rating:
350V DC or AC peak
Insulation Resistance:
>1000 megohms
Dielectric Withstanding Voltage:
1050 DC or AC peak
UL and CSA Approval pending
Operating Temperature:
-55ºC to +105ºC
Contact Resistance:
Initially, 10 milliohms max.
TECHNICAL SPECIFICATION
DIMENSIONS: millimeters (inches)


Similar Part No. - 8293

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8293-832-SS RAF-8293-832-SS Datasheet
133Kb / 1P
OFFSET ROUND INTERNAL THREAD HANDLE
logo
3M Electronics
8293Q 3M-8293Q Datasheet
73Kb / 2P
3M??Probed Particulate Respirator 8293Q, P100 20 EA/Case
8293T 3M-8293T Datasheet
46Kb / 1P
3M??Particulate Respirator 8293T, P100 20/case
More results

Similar Description - 8293

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DP-0XX-LT ADAM-TECH-DP-0XX-LT Datasheet
81Kb / 1P
MALE DIN PLUG
logo
Huber+Suhner, Inc.
32_MBX-50-0-13133_N HUBERSUHNER-32_MBX-50-0-13133_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, MBX, 50 Ohm, plug / plug (male / male)
32_MBX-50-0-20111_N HUBERSUHNER-32_MBX-50-0-20111_N Datasheet
220Kb / 2P
COAXIAL ADAPTER, MBX, 50 Ohm, plug / plug (male / male)
32_MBX-50-0-3111_N HUBERSUHNER-32_MBX-50-0-3111_N Datasheet
480Kb / 2P
COAXIAL ADAPTER, MBX, 50 Ohm, plug / plug (male / male)
32_MBX-50-0-9111_N HUBERSUHNER-32_MBX-50-0-9111_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, MBX, 50 Ohm, plug / plug (male / male)
32_MFBX-50-0-2111_N HUBERSUHNER-32_MFBX-50-0-2111_N Datasheet
706Kb / 2P
COAXIAL ADAPTER, MFBX, 50 Ohm, plug / plug (male / male)
32_MMBX-50-0-14111_N HUBERSUHNER-32_MMBX-50-0-14111_N Datasheet
476Kb / 2P
COAXIAL ADAPTER, MMBX, 50 Ohm, plug / plug (male / male)
32_MMBX-50-0-15111_N HUBERSUHNER-32_MMBX-50-0-15111_N Datasheet
509Kb / 2P
COAXIAL ADAPTER, MMBX, 50 Ohm, plug / plug (male / male)
32_MMBX-50-0-8111_N HUBERSUHNER-32_MMBX-50-0-8111_N Datasheet
527Kb / 2P
COAXIAL ADAPTER, MMBX, 50 Ohm, plug / plug (male / male)
32_MMBX-50-0-9111_N HUBERSUHNER-32_MMBX-50-0-9111_N Datasheet
589Kb / 2P
COAXIAL ADAPTER, MMBX, 50 Ohm, plug / plug (male / male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com