Electronic Components Datasheet Search
  English  ▼

X  

S3MC Datasheet(PDF) 3 Page - Leshan Radio Company

Part # S3MC
Description  Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S3MC Datasheet(HTML) 3 Page - Leshan Radio Company

  S3MC Datasheet HTML 1Page - Leshan Radio Company S3MC Datasheet HTML 2Page - Leshan Radio Company S3MC Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S3MC
Surface Mount Glass Passivated Rectifiers
6.OUTLINE AND DIMENSIONS
7.SOLDERING FOOTPRINT
Y3.30
B6.60
SMC
DIM
(mm)
X1.60
All Dimensions in mm
L
1.00
1.40
1.20
N
0.10
0.30
0.20
I
0.05
0.15
0.10
K
4.30
4.70
4.50
G
2.10
2.50
2.30
H
1.00
1.40
1.20
D
2.80
3.20
3.00
E
2.25
2.65
2.45
B
5.65
6.05
5.85
C
6.65
7.05
6.85
SMC
DIM
Min
Max
Typ.
A
7.80
8.20
8.00
Leshan Radio Company, LTD.
Rev.O Sep. 2017
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com