Electronic Components Datasheet Search
  English  ▼

X  

S3MC Datasheet(PDF) 1 Page - Leshan Radio Company

Part # S3MC
Description  Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S3MC Datasheet(HTML) 1 Page - Leshan Radio Company

  S3MC Datasheet HTML 1Page - Leshan Radio Company S3MC Datasheet HTML 2Page - Leshan Radio Company S3MC Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S3MC
Surface Mount Glass Passivated Rectifiers
1. FEATURES
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0.
●
High temperature metallurgically bonded construction.
●
Cavity-free glass passivated junction.
●
Capable of meeting environmental standards of MIL-S-19500.
●
For use in high frequency rectifier circuits.
●
Fast Switching for high efficiency
●
Typical IR less than 1.0µA.
●
High temperature soldering guaranteed:260°C/10 seconds.
●
Weight: 0.26g
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TC = 75°C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating junction and storage temperature range
4. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 125°C
Typical junction capacitance at 4.0V, 1MHz
1. Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
CJ
-
15
-
PF
IR
--
5
µA
-
-
100
VF
-
-
1.1
V
TJ, TSTG
–50 ~+150
℃
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Typical thermal resistance (Note 1)
RθJA
80
℃
/W
RθJC
20
IF(AV)
3
A
IFSM
90
A
VRMS
700
V
VDC
1000
V
Parameter
Symbol
Limits
Unit
VRRM
1000
V
S3MC
Surface Mount Glass Passivated Rectifiers
Reverse Voltage 1000V Forward Current 3.0A
Device
Marking
Shipping
S3MC
S3MC
3000/Tape&Reel
Leshan Radio Company, LTD.
Rev.O Sep. 2017
1/3


Similar Part No. - S3MC

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
S3MC PACELEADER-S3MC Datasheet
134Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
S3MC YINT-S3MC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Microdiode Semiconducto...
S3MC CHENDA-S3MC Datasheet
1Mb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Dongguan Pingjingsemi T...
S3MC-PJ PJSEMI-S3MC-PJ Datasheet
512Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
Galaxy Semi-Conductor H...
S3MCF BILIN-S3MCF Datasheet
473Kb / 4P
Surface Mount Rectifiers
Rev.B
More results

Similar Description - S3MC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFM301 LRC-HFM301 Datasheet
204Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S3MB LRC-S3MB Datasheet
160Kb / 3P
Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com