Electronic Components Datasheet Search
  English  ▼

X  

Z0107MN Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # Z0107MN
Description  4 Quadrants Sensitive TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

Z0107MN Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  Z0107MN Datasheet HTML 1Page - Tiger Electronic Co.,Ltd Z0107MN Datasheet HTML 2Page - Tiger Electronic Co.,Ltd Z0107MN Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
2
Thyristor
4 Quadrants Sensitive TRIAC
/
■
Electrical Characteristics (Ta = 25℃, unless otherwise noted.)
Parameter
Symbol
Min
Typ.
Max
Unit
600
V
800
TJ=25℃
50
uA
TJ=125℃
5
mA
TJ=25℃
50
uA
TJ=125℃
5
mA
On-state Voltage
VTM
1.6
Non-Trigger Gate Voltage
VGD
0.2
1+,1-.3-
1.5
3+
2
1+,1-.3-
5
3+
12
Holding Current
IH
5
Critical Rate of rise of off-state Voltage
dv /dt
10
V/us
Test Conditions
IT=1.4A, IG=20mA
V
mA
Repetitive Peak off-state Voltages
VDRM
VRRM
VD = 2/3 VDRM, TJ=125℃
ID=IR=100 uA
Repetitive Peak Off-State Current
IDRM
IRRM
Gate Trigger Voltage
VGT
VD=12V, RL=330Ω
Repetitive Peak Reverse Current
VD=VDRM
VD=12V, RL=330Ω,TJ=125℃ (Note.1)
IT=200mA
VD=12V, RL=330Ω
IGT
Gate Trigger Current
Note.1: Pulse Width ≤ 1.0ms, Duty Cycle ≤ 1%
■
Typical Characterisitics
Fig 1. R.M.S. current vs. Power dissipation
Fig 2. R.M.S. current vs. Case temperature
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
180o
150o
120o
90o
60o
30o
R.M.S. on state current, I
T(RMS) [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
70
80
90
100
110
120
130
180o
150o
120o
90o
60o
30o
R.M.S. on state current, I
T(RMS) [A]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com